Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6141T Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6141T
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141T Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6141T Datasheet HTML 6Page - Microchip Technology MCP6141T Datasheet HTML 7Page - Microchip Technology MCP6141T Datasheet HTML 8Page - Microchip Technology MCP6141T Datasheet HTML 9Page - Microchip Technology MCP6141T Datasheet HTML 10Page - Microchip Technology MCP6141T Datasheet HTML 11Page - Microchip Technology MCP6141T Datasheet HTML 12Page - Microchip Technology MCP6141T Datasheet HTML 13Page - Microchip Technology MCP6141T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP6141/2/3/4
DS21668D-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-19:
Channel to Channel
Separation vs. Frequency (MCP6142 and
MCP6144 only).
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD =1.4V.
FIGURE 2-21:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-22:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage.
FIGURE 2-23:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD =5.5V.
FIGURE 2-24:
Output Short Circuit Current
vs. Power Supply Voltage.
80
90
100
110
120
130
140
1.E+03
1.E+04
Frequency (Hz)
1k
10k
Input Referred
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
PM
(G = +10)
GBWP
VDD = 1.4V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0
10
20
30
40
50
60
70
80
90
100
110
120
Common Mode Input Voltage
0
10
20
30
40
50
60
70
80
90
100
110
120
PM
(G = +10)
GBWP
VDD = 5.0V
0
10
20
30
40
50
60
70
80
90
-50
-25
0
255075
100
125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
PM
(G = +10)
GBWP
VDD = 5.5V
0
5
10
15
20
25
30
35
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Ambient Temperature (°C)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com