Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP618 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP618
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP618 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP618 Datasheet HTML 19Page - Microchip Technology MCP618 Datasheet HTML 20Page - Microchip Technology MCP618 Datasheet HTML 21Page - Microchip Technology MCP618 Datasheet HTML 22Page - Microchip Technology MCP618 Datasheet HTML 23Page - Microchip Technology MCP618 Datasheet HTML 24Page - Microchip Technology MCP618 Datasheet HTML 25Page - Microchip Technology MCP618 Datasheet HTML 26Page - Microchip Technology MCP618 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 23
MCP616/7/8/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Examples:
8-Lead SOIC (150 mil)
Examples:
XXXXXXXX
XXXXYYWW
NNN
MCP616
I/P ^^ 256
0812
MCP616I
SN^^ 0812
256
8-Lead MSOP
Example:
XXXXXX
YWWNNN
616I
812256
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
MCP616
I/P256
0812
MCP616
I/SN0812
256
OR
OR
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com