Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC515T Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC515T
Description  512K I2C??CMOS Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515T Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC515T Datasheet HTML 6Page - Microchip Technology 24LC515T Datasheet HTML 7Page - Microchip Technology 24LC515T Datasheet HTML 8Page - Microchip Technology 24LC515T Datasheet HTML 9Page - Microchip Technology 24LC515T Datasheet HTML 10Page - Microchip Technology 24LC515T Datasheet HTML 11Page - Microchip Technology 24LC515T Datasheet HTML 12Page - Microchip Technology 24LC515T Datasheet HTML 13Page - Microchip Technology 24LC515T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
24AA515/24LC515/24FC515
DS21673G-page 10
© 2008 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete. (This feature can be used to maximize bus
throughput.) Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition, followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, then the Start bit and control byte
must be resent. If the cycle is complete, then the device
will return the ACK, and the master can then proceed
with the next Read or Write command. See Figure 7-1
for flow diagram.
FIGURE 7-1:
ACKNOWLEDGE
POLLING FLOW
Note:
Care must be taken when polling the
24LC515. The control byte that was used
to initiate the write needs to match the
control byte used for polling.
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com