Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-BI/P Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3208-BI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-BI/P Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3208-BI/P Datasheet HTML 20Page - Microchip Technology MCP3208-BI/P Datasheet HTML 21Page - Microchip Technology MCP3208-BI/P Datasheet HTML 22Page - Microchip Technology MCP3208-BI/P Datasheet HTML 23Page - Microchip Technology MCP3208-BI/P Datasheet HTML 24Page - Microchip Technology MCP3208-BI/P Datasheet HTML 25Page - Microchip Technology MCP3208-BI/P Datasheet HTML 26Page - Microchip Technology MCP3208-BI/P Datasheet HTML 27Page - Microchip Technology MCP3208-BI/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MCP3204/3208
DS21298E-page 24
© 2008 Microchip Technology Inc.
6.5
Utilizing the Digital and Analog
Ground Pins
The MCP3204/3208 devices provide both digital and
analog ground connections to provide another means
of noise reduction. As shown in Figure 6-5, the analog
and digital circuitry is separated internal to the device.
This reduces noise from the digital portion of the device
being coupled into the analog portion of the device. The
two grounds are connected internally through the
substrate, which has a resistance of 5 -10Ω.
If no ground plane is utilized, then both grounds must
be connected to VSS on the board. If a ground plane is
available, both digital and analog ground pins should
be connected to the analog ground plane. If both an
analog and a digital ground plane are available, both
the digital and the analog ground pins should be
connected to the analog ground plane. Following these
steps will reduce the amount of digital noise from the
rest of the board being coupled into the A/D converter.
FIGURE 6-5:
Separation of Analog and
Digital Ground Pins.
MCP3204/08
Analog Ground Plane
DGND
AGND
V
DD
0.1 µF
Substrate
5 - 10Ω
Digital Side
-SPI Interface
-Shift Register
-Control Logic
Analog Side
-Sample Cap
-Capacitor Array
-Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com