Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144T Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6144T
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144T Datasheet(HTML) 1 Page - Microchip Technology

  MCP6144T Datasheet HTML 1Page - Microchip Technology MCP6144T Datasheet HTML 2Page - Microchip Technology MCP6144T Datasheet HTML 3Page - Microchip Technology MCP6144T Datasheet HTML 4Page - Microchip Technology MCP6144T Datasheet HTML 5Page - Microchip Technology MCP6144T Datasheet HTML 6Page - Microchip Technology MCP6144T Datasheet HTML 7Page - Microchip Technology MCP6144T Datasheet HTML 8Page - Microchip Technology MCP6144T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 1
MCP6141/2/3/4
Features:
• Low Quiescent Current: 600 nA/amplifier (typical)
• Gain Bandwidth Product: 100 kHz (typical)
• Stable for gains of 10 V/V or higher
• Rail-to-Rail Input/Output
• Wide Supply Voltage Range: 1.4V to 6.0V
• Available in Single, Dual, and Quad
• Chip Select (CS) with MCP6143
• Available in 5-lead and 6-lead SOT-23 Packages
• Temperature Ranges:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Applications:
• Toll Booth Tags
• Wearable Products
• Temperature Measurement
•Battery Powered
Design Aids:
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Simulation Tool
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Devices:
• MCP6041/2/3/4: Unity Gain Stable Op Amps
Typical Application
Description:
The MCP6141/2/3/4 family of non-unity gain stable
operational amplifiers (op amps) from Microchip
Technology Inc. operate with a single supply voltage as
low as 1.4V, while drawing less than 1 µA (maximum)
of quiescent current per amplifier. These devices are
also designed to support rail-to-rail input and output
operation. This combination of features supports
battery-powered and portable applications.
The MCP6141/2/3/4 amplifiers have a gain bandwidth
product of 100 kHz (typical) and are stable for gains of
10 V/V or higher. These specifications make these op
amps appropriate for battery powered applications
where a higher frequency response from the amplifier
is required.
The MCP6141/2/3/4 family operational amplifiers are
offered in single (MCP6141), single with Chip Select
(CS)
(MCP6143),
dual
(MCP6142)
and
quad
(MCP6144) configurations. The MCP6141 device is
available in the 5-lead SOT-23 package, and the
MCP6143 device is available in the 6-lead SOT-23
package.
Package Types
MCP614X
VOUT
RF
R3
V3
R2
V2
R1
V1
VREF
Inverting, Summing Amplifier
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
MCP6141
PDIP, SOIC, MSOP
MCP6142
PDIP, SOIC, MSOP
MCP6143
PDIP, SOIC, MSOP
MCP6144
PDIP, SOIC, TSSOP
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
VINA+
VINA–
VDD
VIND–
VIND+
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINB–
VINB+
VOUTB
VINC+
VINC–
5
6
7
10
9
8 VOUTC
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6141
SOT-23-5
VIN+
VSS
VIN–
1
2
3
6
4
VDD
VOUT
MCP6143
SOT-23-6
5 CS
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps


Similar Part No. - MCP6144T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6144T-E/ST MICROCHIP-MCP6144T-E/ST Datasheet
655Kb / 34P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2005
More results

Similar Description - MCP6144T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6141 MICROCHIP-MCP6141 Datasheet
629Kb / 32P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2002
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6141 MICROCHIP-MCP6141_05 Datasheet
655Kb / 34P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2005
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-E MICROCHIP-MCP6044-E Datasheet
617Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com