Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208-CI/ST Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3208-CI/ST
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208-CI/ST Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3208-CI/ST Datasheet HTML 19Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 20Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 21Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 22Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 23Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 24Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 25Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 26Page - Microchip Technology MCP3208-CI/ST Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21298E-page 23
MCP3204/3208
FIGURE 6-3:
The MCP601 Operational Amplifier is used to implement a second order anti-aliasing
filter for the signal being converted by the MCP3204.
6.4
Layout Considerations
When laying out a printed circuit board for use with
analog components, care should be taken to reduce
noise wherever possible. A bypass capacitor should
always be used with this device, placed as close as
possible to the device pin. A bypass capacitor value of
1 µF is recommended.
Digital and analog traces should be separated as much
as possible on the board, with no traces running
underneath the device or the bypass capacitor. Extra
precautions should be taken to keep traces with high
frequency signals (such as clock lines) as far as
possible from analog traces.
Use of an analog ground plane is recommended in
order to keep the ground potential the same for all
devices on the board. Providing VDD connections to
devices in a “star” configuration can also reduce noise
by eliminating return current paths and associated
errors (see Figure 6-4). For more information on layout
tips when using A/D converters, refer to AN688,
“Layout Tips for 12-Bit A/D converter Applications”
.
FIGURE 6-4:
V
DD traces arranged in a
‘Star’ configuration in order to reduce errors
caused by current return paths.
MCP3204
VDD
10 µF
IN-
IN+
-
+
VIN
C1
C2
VREF
4.096V
Reference
1µF
1µF
0.1 µF
MCP601
R1
R2
R3
R4
MCP1541
V
DD
Connection
Device 1
Device 2
Device 3
Device 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com