Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3208T-BI/P Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3208T-BI/P
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3208T-BI/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3208T-BI/P Datasheet HTML 11Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 12Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 13Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 14Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 15Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 16Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 17Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 18Page - Microchip Technology MCP3208T-BI/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21298E-page 15
MCP3204/3208
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Digital Ground (DGND)
Digital ground connection to internal digital circuitry.
3.2
Analog Ground (AGND)
Analog ground connection to internal analog circuitry.
3.3
Analog Inputs (CH0 - CH7)
Analog inputs for channels 0 - 7 for the multiplexed
inputs. Each pair of channels can be programmed to be
used as two independent channels in single-ended
mode or as a single pseudo-differential input, where
one channel is IN+ and one channel is IN. See
Section 4.1 “Analog Inputs”
, “Analog Inputs”, and
Section 5.0 “Serial communications”
, “Serial Com-
munications”, for information on programming the
channel configuration.
3.4
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and
clock out each bit of the conversion as it takes place.
See Section 6.2 “Maintaining Minimum Clock
Speed”
, “Maintaining Minimum Clock Speed”, for con-
straints on clock speed.
3.5
Serial Data Input (D
IN)
The SPI port serial data input pin is used to load
channel configuration data into the device.
3.6
Serial Data Output (D
OUT)
The SPI serial data output pin is used to shift out the
results of the A/D conversion. Data will always change
on the falling edge of each clock as the conversion
takes place.
3.7
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication
with the device when pulled low and will end a
conversion and put the device in low power standby
when pulled high. The CS/SHDN pin must be pulled
high between conversions.
TABLE 3-1:
PIN FUNCTION TABLE
MCP3204
MCP3208
Symbol
Definition
PDIP, SOIC,
TSSOP
PDIP, SOIC
1
1
CH0
Analog Input
2
2
CH1
Analog Input
3
3
CH2
Analog Input
4
4
CH3
Analog Input
—
5
CH4
Analog Input
—
6
CH5
Analog Input
—
7
CH6
Analog Input
—
8
CH7
Analog Input
7
9
DGND
Digital Ground
810
CS/SHDN
Chip Select/Shutdown Input
911
DIN
Serial Data In
10
12
DOUT
Serial Data Out
11
13
CLK
Serial Clock
12
14
AGND
Analog Ground
13
15
VREF
Reference Voltage Input
14
16
VDD
+2.7V to 5.5V Power Supply
5, 6
—
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com