Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C313 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB39C313
Description  4ch System Power Management IC for LCD Panel
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB39C313 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB39C313 Datasheet HTML 9Page - fujitsu semiconductor MB39C313 Datasheet HTML 10Page - fujitsu semiconductor MB39C313 Datasheet HTML 11Page - fujitsu semiconductor MB39C313 Datasheet HTML 12Page - fujitsu semiconductor MB39C313 Datasheet HTML 13Page - fujitsu semiconductor MB39C313 Datasheet HTML 14Page - fujitsu semiconductor MB39C313 Datasheet HTML 15Page - fujitsu semiconductor MB39C313 Datasheet HTML 16Page - fujitsu semiconductor MB39C313 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MB39C313
DS04–27267–1E
13
■ ELECTRICAL CHARACTERISTICS
(Ta
= + 25 °C, AVIN = VINB = SUP = 12 V)
(Continued)
Parameter
Symbol
Pin
No.
Condition
Value
Unit
Min
Typ
Max
Reference
Voltage Block
[ VREF ]
Output
voltage
VREF
24
REF
= 0 mA
1.203
1.213
1.223
V
Bias
Voltage Block
[ VB ]
Output
voltage
VB
17
BOOT
= -1 mA,
BOOT pin
3.5
4.0
4.5
V
Under Voltage
Lockout
Protection Circuit
Block [ UVLO ]
Threshold
voltage
VTLH
22
AVIN
=
5.6
6.0
6.4
V
Hysteresis
width
VH
22
⎯
0.2*
⎯
V
Over
Temperature
Protection Block
[ OTP ]
Stop
temperature
TOTPH
⎯
T junction
⎯
+ 150*
⎯
°C
Hysteresis
width
TOTPHYS
⎯⎯
+ 15*
⎯
°C
Oscillator Block
[ OSC ]
Output
frequency
fOSC
4, 5,
10, 11,
18
FREQ
= “H”
600
750
900
KHz
fOSC
4, 5,
10, 11,
18
FREQ
= “L”
400
500
600
KHz
Input
voltage
VIH
12
fOSC
= 750 KHz
set
1.7
⎯⎯
V
VIL
12
fOSC
= 500 KHz
set
⎯⎯
0.4
V
Sequence
Control Block
[ SEQ CTL ]
Threshold
voltage
VTH
25, 26 DLY1, DLY2 pin
1.123
1.180
1.239
V
Charging
current
IDLY
25, 26
DLY1, DLY2
=
0 V
3.8
5.5
7.1
μA
Control Block
[ CTL ]
Input
voltage
VIH
9,16
EN1, EN2 ON
2
⎯⎯
V
VIL
9,16
EN1, EN2 OFF
⎯⎯
0.8
V
General
Stand by
current
ICCS
22
EN1, EN2
= 0 V,
AVIN pin
⎯
01
μA
ICCS
20, 21
EN1, EN2
= 0 V,
VINB pin
⎯
01
μA
ICCS
8
EN1, EN2
= 0 V,
SUP pin
⎯
01
μA
Power
supply
current
ICC
22
EN1, EN2
=
AVIN, AVIN pin
⎯
12
mA
ICC
20, 21
EN1, EN2
=
AVIN, VINB pin
⎯
0.2
0.5
mA
ICC
8
EN1, EN2
=
AVIN, SUP pin
⎯
0.2
2.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com