Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R2002 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB85R2002
Description  Memory FRAM CMOS 2 M Bit (128 K 횞 16)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB85R2002 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB85R2002 Datasheet HTML 3Page - fujitsu semiconductor MB85R2002 Datasheet HTML 4Page - fujitsu semiconductor MB85R2002 Datasheet HTML 5Page - fujitsu semiconductor MB85R2002 Datasheet HTML 6Page - fujitsu semiconductor MB85R2002 Datasheet HTML 7Page - fujitsu semiconductor MB85R2002 Datasheet HTML 8Page - fujitsu semiconductor MB85R2002 Datasheet HTML 9Page - fujitsu semiconductor MB85R2002 Datasheet HTML 10Page - fujitsu semiconductor MB85R2002 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MB85R2002
DS05-13108-4E
7
(2) Write Operation
(within recommended operating conditions)
3.
Pin Capacitance
Parameter
Symbol
Value
Unit
Min
Max
Write Cycle Time
tWC
150
⎯
ns
CE1 Active Time
tCA1
120
⎯
ns
CE2 Active Time
tCA2
120
⎯
ns
LB, UB Active Time
tBP
120
⎯
ns
Pre-Charge Time
tPC
20
⎯
ns
Address Setup Time
tAS
5
⎯
ns
Address Hold Time
tAH
50
⎯
ns
LB, UB Setup Time
tBS
5
⎯
ns
Write Pulse Width
tWP
120
⎯
ns
Data Setup Time
tDS
0
⎯
ns
Data Hold Time
tDH
50
⎯
ns
Write Setup Time
tWS
5
⎯
ns
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VIN
= VOUT = GND
f
= 1 MHz, TA = +25 oC
⎯⎯
10
pF
Output Capacitance
COUT
⎯⎯
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com