Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619T-I/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP619T-I/P
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619T-I/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP619T-I/P Datasheet HTML 12Page - Microchip Technology MCP619T-I/P Datasheet HTML 13Page - Microchip Technology MCP619T-I/P Datasheet HTML 14Page - Microchip Technology MCP619T-I/P Datasheet HTML 15Page - Microchip Technology MCP619T-I/P Datasheet HTML 16Page - Microchip Technology MCP619T-I/P Datasheet HTML 17Page - Microchip Technology MCP619T-I/P Datasheet HTML 18Page - Microchip Technology MCP619T-I/P Datasheet HTML 19Page - Microchip Technology MCP619T-I/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
MCP616/7/8/9
DS21613C-page 16
© 2008 Microchip Technology Inc.
FIGURE 4-3:
Example Circuit for
Calculating DC Offset.
To calculate the DC bias point and DC offset, convert
the circuit to its DC equivalent:
• Replace capacitors with open circuits
• Replace inductors with short circuits
• Replace AC voltage sources with short circuits
• Replace AC current sources with open circuits
• Convert DC sources and resistances into their
Thevenin equivalent form
The DC equivalent circuit for Figure 4-3 is shown in
Figure 4-4.
FIGURE 4-4:
Equivalent DC Circuit.
Now calculate the nominal DC bias point with offset:
EQUATION 4-1:
Use the worst-case specs and source values to
determine the worst-case
output voltage range and
offset for your design. Make sure the common mode
input voltage range and output voltage range are not
exceeded.
4.3
Rail-to-Rail Output
There are two specifications that describe the output
swing capability of the MCP616/7/8/9 family of op
amps. The first specification (Maximum Output Voltage
Swing) defines the absolute maximum swing that can
be achieved under the specified load conditions. For
instance, the output voltage swings to within 15 mV of
the negative rail with a 25 k
Ω load tied to VDD/2.
Figure 2-33 shows how the output voltage is limited
when the input goes beyond the linear region of
operation.
The second specification that describes the output
swing capability of these amplifiers is the Linear Output
Voltage Range. This specification defines the
maximum output swing that can be achieved while the
amplifier still operates in its linear region. To verify
linear operation in this range, the large-signal DC
Open-Loop Gain (AOL) is measured at points inside the
supply rails. The measurement must meet the specified
AOL conditions in the specification table.
V1
MCP61X
VOUT
R3 C3
R2
R1
V2
R5
R4
V1
MCP61X
VOUT
R2
R1
VEQ
REQ
V
EQ
V
2
R
5
R
4
R
5
+
------------------
⋅
=
R
EQ
R
4 || R5
=
VOOS = GN [VOS + IB ((R1 ||R2) – REQ)
– IOS ((R1 ||R2 ) + REQ ) / 2]
VCM = VEQ – (IB + IOS /2) REQ
VOUT = VEQ (GN ) – V1 (GN – 1) + VOOS
G
N
1R
2 R1
⁄
+
=
Where:
GN
=
op amp’s noise gain (from the
non-inverting input to the
output)
VOOS
=
circuit’s output offset voltage
VOS
=
op amp’s input offset voltage
IB
=
op amp’s input bias current
IOS
=
op amp’s input offset current
VCM
=
op amp’s coommon mode
input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com