Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467SA Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB91F467SA
Description  32-bit Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467SA Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB91F467SA Datasheet HTML 5Page - fujitsu semiconductor MB91F467SA Datasheet HTML 6Page - fujitsu semiconductor MB91F467SA Datasheet HTML 7Page - fujitsu semiconductor MB91F467SA Datasheet HTML 8Page - fujitsu semiconductor MB91F467SA Datasheet HTML 9Page - fujitsu semiconductor MB91F467SA Datasheet HTML 10Page - fujitsu semiconductor MB91F467SA Datasheet HTML 11Page - fujitsu semiconductor MB91F467SA Datasheet HTML 12Page - fujitsu semiconductor MB91F467SA Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
MB91460S Series
DS07-16617-2E
9
(Continued)
Pin no.
Pin name
I/O
I/O circuit
type*
Function
70
P23_2
I/O
A
General-purpose input/output port
RX1
RX input/output pin of CAN1
INT9
External interrupt input pin
71
P23_3
I/O
A
General-purpose input/output port
TX1
TX output pin of CAN1
72
P16_7
I/O
A
General-purpose input/output port
PPG15
PPG timer output pin
ATGX
A/D converter external trigger input pin
73
P16_6
I/O
A
General-purpose input/output port
PPG14
Output pin of PPG timer
PFM
Pulse frequency modulator output pin
74
P16_5
I/O
A
General-purpose input/output port
PPG13
Output pin of PPG timer
SGO
SGO output pin of sound generator
75
P16_4
I/O
A
General-purpose input/output port
PPG12
Output pin of PPG timer
SGA
SGA output pin of sound generator
76
P16_3
I/O
A
General-purpose input/output port
PPG11
Output pin of PPG timer
77
P16_2
I/O
A
General-purpose input/output port
PPG10
Output pin of PPG timer
78
P16_1
I/O
A
General-purpose input/output port
PPG9
Output pin of PPG timer
79
P16_0
I/O
A
General-purpose input/output port
PPG8
Output pin of PPG timer
80
P17_7
I/O
A
General-purpose input/output port
PPG7
Output pin of PPG timer
TCKI1
AIC downlink clock of Apix® link1
81
P17_6
I/O
A
General-purpose input/output port
PPG6
Output pin of PPG timer
TDA11
AIC downlink data of Apix® link1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com