Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467BAPMC-GSE2 Datasheet(PDF) 52 Page - fujitsu semiconductor

Part # MB91F467BAPMC-GSE2
Description  32-bit Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467BAPMC-GSE2 Datasheet(HTML) 52 Page - fujitsu semiconductor

Back Button MB91F467BAPMC-GSE2 Datasheet HTML 48Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 49Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 50Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 51Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 52Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 53Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 54Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 55Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 56Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 136 page
background image
MB91460B Series
52
DS07-16609-1E
6.2.2.
FSV1 (bit15 to bit0) MB91F467BA/466BA
The setting of the Flash Security Vector FSV1 bits [15:0] is responsible for the individual write protection of the
8 KBytes sectors. It is only evaluated if write protection bit FSV1[17] is set.
Explanation of the bits in the Flash Security Vector FSV1[15:0]
Note: It is mandatory to always set the sector where the Flash Security Vectors FSV1 and FSV2 are located to
write protected (here sector SA4). Otherwise it is possible to overwrite the Security Vector to a setting where
it is possible to either read out the Flash content or manipulate data by writing.
See section “
Flash access in CPU mode” for an overview about the sector organisation of the Flash
Memory.
6.2.3.
FSV1 (bit15 to bit0) MB91F465BB/464BB
The setting of the Flash Security Vector FSV1 bits [15:0] is responsible for the individual write protection of the
8 KBytes sectors. It is only evaluated if write protection bit FSV1[17] is set.
Explanation of the bits in the Flash Security Vector FSV1[15:0]
Note: It is mandatory to always set the sector where the Flash Security Vectors FSV1 and FSV2 are located to
write protected (here sector SA4). Otherwise it is possible to overwrite the Security Vector to a setting where
it is possible to either read out the Flash content or manipulate data by writing.
See section “
Flash access in CPU mode” for an overview about the sector organisation of the Flash
Memory.
FSV1 bit
Sector
Enable Write
Protection
Disable Write
Protection
Comment
FSV1[0]
SA0
set to “0”
set to “1”
FSV1[1]
SA1
set to “0”
set to “1”
FSV1[2]
SA2
set to “0”
set to “1”
FSV1[3]
SA3
set to “0”
set to “1”
FSV1[4]
SA4
set to “0”
⎯
Write protection is
mandatory!
FSV1[5]
SA5
set to “0”
set to “1”
FSV1[6]
SA6
set to “0”
set to “1”
FSV1[7]
SA7
set to “0”
set to “1”
FSV1[15:8]
⎯⎯
⎯
not available
FSV1 bit
Sector
Enable Write
Protection
Disable Write
Protection
Comment
FSV1[3:0]
⎯⎯
⎯
not available
FSV1[4]
SA4
set to “0”
—
Write protection is
mandatory!
FSV1[5]
SA5
set to “0”
set to “1”
FSV1[6]
SA6
set to “0”
set to “1”
FSV1[7]
SA7
set to “0”
set to “1”
FSV1[15:8]
⎯⎯
⎯
not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com