Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6144-E/MS Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6144-E/MS
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6144-E/MS Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6144-E/MS Datasheet HTML 30Page - Microchip Technology MCP6144-E/MS Datasheet HTML 31Page - Microchip Technology MCP6144-E/MS Datasheet HTML 32Page - Microchip Technology MCP6144-E/MS Datasheet HTML 33Page - Microchip Technology MCP6144-E/MS Datasheet HTML 34Page - Microchip Technology MCP6144-E/MS Datasheet HTML 35Page - Microchip Technology MCP6144-E/MS Datasheet HTML 36Page - Microchip Technology MCP6144-E/MS Datasheet HTML 37Page - Microchip Technology MCP6144-E/MS Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 35
MCP6141/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6141:
Single Op Amp
MCP6141T:
Single Op Amp
(Tape and Reel for SOT-23, SOIC, MSOP)
MCP6142:
Dual Op Amp
MCP6142T:
Dual Op Amp
(Tape and Reel for SOIC and MSOP)
MCP6143:
Single Op Amp w/ CS
MCP6143T:
Single Op Amp w/ CS
(Tape and Reel for SOT-23, SOIC, MSOP)
MCP6144:
Quad Op Amp
MCP6144T:
Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range: I
= -40
°C to +85°C (industrial)
E= -40
°C to +125°C (extended)
Package:
CH
= Plastic Small Outline Transistor (SOT-23),
6-lead (Tape and Reel - MCP6143 only)
MS
= Plastic Micro Small Outline (MSOP), 8-lead
OT
= Plastic Small Outline Transistor (SOT-23),
5-lead (Tape and Reel - MCP6141 only)
P
= Plastic DIP (300 mil body), 8-lead, 14-lead
SL
= Plastic SOIC (3.9 mm body), 14-lead
SN
= Plastic SOIC (3.9 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm body), 14-lead
Examples:
a)
MCP6141-I/P:
Industrial Temperature
8 lead PDIP package.
b)
MCP6141T-E/OT: Tape and Reel,
Extended Temperature
5 lead SOT-23 package.
a)
MCP6142-I/SN:
Industrial Temperature
8 lead SOIC package.
b)
MCP6142T-E/MS: Tape and Reel,
Extended Temperature
8 lead MSOP package.
a)
MCP6143-I/P:
Industrial Temperature,
8 lead PDIP package.
b)
MCP6143T-E/CH: Tape and Reel,
Extended Temperature
6 lead SOT-23 package.
a)
MCP6144-I/SL:
Industrial Temperature
14 lead PDIP package.
b)
MCP6144T-E/ST: Tape and Reel,
Extended Temperature
14 lead TSSOP package.
PART NO.
Device
- X
Temperature
/ XX
Package
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com