Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949 Datasheet(PDF) 2 Page - Motorola, Inc

Part # L4949
Description  MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

L4949 Datasheet(HTML) 2 Page - Motorola, Inc

  L4949 Datasheet HTML 1Page - Motorola, Inc L4949 Datasheet HTML 2Page - Motorola, Inc L4949 Datasheet HTML 3Page - Motorola, Inc L4949 Datasheet HTML 4Page - Motorola, Inc L4949 Datasheet HTML 5Page - Motorola, Inc L4949 Datasheet HTML 6Page - Motorola, Inc L4949 Datasheet HTML 7Page - Motorola, Inc L4949 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L4949
2
MOTOROLA ANALOG IC DEVICE DATA
ABSOLUTE MAXIMUM RATINGS (Absolute Maximum Ratings indicate limits beyond
which damage to the device may occur.)
Rating
Symbol
Value
Unit
DC Operating Supply Voltage
VCC
28
V
Transient Supply Voltage (t < 1.0 s)
VCC TR
40
V
Output Current
Iout
Internally
Limited
–
Output Voltage
Vout
20
V
Sense Input Current
ISI
±1.0
mA
Sense Input Voltage
VSI
VCC
–
Output Voltages
V
Reset Output
VReset
20
Sense Output
VSO
20
Output Currents
mA
Reset Output
IReset
5.0
Sense Output
ISO
5.0
Preregulator Output Voltage
VZ
7.0
V
Preregulator Output Current
IZ
5.0
mA
ESD Protection at any pin
V
Human Body Model
–
2000
Machine Model
–
400
Thermal Resistance, Junction–to–Air
R
θJA
°C/W
P Suffix, DIP–8 Plastic Package, Case 626
100
D Suffix, SO–8 Plastic Package, Case 751
200
Maximim Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 14 V, –40°C < TJ < 125°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C, Iout = 1.0 mA)
Vout
4.95
5.0
5.05
V
Output Voltage (6.0 V < VCC < 28 V, 1.0 mA < Iout < 50 mA)
Vout
4.9
5.0
5.1
V
Output Voltage (VCC = 35 V, t < 1.0 s, 1.0 mA < Iout < 50 mA)
Vout
4.9
5.0
5.1
V
Dropout Voltage
Vdrop
V
Iout = 10 mA
–
0.1
0.25
Iout = 50 mA
–
0.2
0.40
Iout = 100 mA
–
0.3
0.50
Input to Output Voltage Difference in Undervoltage Condition
VIO
–
0.2
0.4
V
(VCC = 4.0 V, Iout = 35 mA)
Line Regulation (6.0 V < VCC < 28 V, Iout = 1.0 mA)
Regline
–
1.0
20
mV
Load Regulation (1.0 mA < Iout < 100 mA)
Regload
–
8.0
30
mV
Current Limit
ILim
mA
Vout = 4.5 V
105
200
400
Vout = 0 V
–
100
–
Quiescent Current (Iout = 0.3 mA, TJ < 100°C)
IQSE
–
150
260
µA
Quiescent Current (Iout = 100 mA)
IQ
–
–
5.0
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com