Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC352A110T024TP Datasheet(PDF) 6 Page - Vicor Corporation

Part # BC352A110T024TP
Description  BCM??Bus Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC352A110T024TP Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BC352A110T024TP Datasheet HTML 2Page - Vicor Corporation BC352A110T024TP Datasheet HTML 3Page - Vicor Corporation BC352A110T024TP Datasheet HTML 4Page - Vicor Corporation BC352A110T024TP Datasheet HTML 5Page - Vicor Corporation BC352A110T024TP Datasheet HTML 6Page - Vicor Corporation BC352A110T024TP Datasheet HTML 7Page - Vicor Corporation BC352A110T024TP Datasheet HTML 8Page - Vicor Corporation BC352A110T024TP Datasheet HTML 9Page - Vicor Corporation BC352A110T024TP Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Bus Converter Module
BC352A110T024FP
vicorpower.com
Rev. 1.0
Page 6 of 11
SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
2.6
Mhrs
25°C, GB
Isolation specifications
Voltage
4,242
Vdc
Input to output
Capacitance
500
pF
Input to output
Resistance
10
MΩ
Input to output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
RoHS
Mechanical
See Mechanical Drawings, Figure 18, 19
Weight
1.10/31,3
oz /g
Dimensions
Length
1.91/ 48,6
in / mm
Baseplate model
Width
1.09/ 27,7
in / mm
Baseplate model
Height
0.37/ 9,5
in / mm
Baseplate model
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
23.8
Ws /°C
Baseplate to ambient
7.7
°C / W
Baseplate to ambient; 1000 LFM
2.9
°C / W
Baseplate to sink; flat greased surface
0.40
°C / W
Baseplate to sink; thermal pad
0.36
°C / W
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Primary control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
2.4
2.5
2.9
mA
Source only
Enable delay time
250
ms
Disable delay time
20
µs
See Figure 12, time from PC low to output low
Auxiliary Pins
Figure 12 — VOUT at full load vs. PC disable
Figure 13 — PC signal during fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com