| Electronic Components Datasheet Search |
|
MCP3304 Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3304 Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 46 page ![]() MCP3302/04 DS21697E-page 26 © 2008 Microchip Technology Inc. 6.2 Communicating with the MCP3302 and MCP3304 Communication with the MCP3302/04 devices is done using a standard SPI-compatible serial interface. Initiating communication with either device is done by bringing the CS line low (see Figure 6-2). If the device was powered up with the CS pin low, it must be brought high and back low to initiate communication. The first clock received with CS low and DIN high will constitute a start bit. The SGL/DIFF bit follows the start bit and will determine if the conversion will be done using single ended or differential input mode. Each channel in single ended mode will operate as a 12-bit converter with a unipolar output. No negative codes will be output in single ended mode. The next three bits (D0, D1, and D2) are used to select the input channel configuration. Table 6-1 and Table 6-2 show the configuration bits for the MCP3302 and MCP3304, respectively. The device will begin to sample the analog input on the fourth rising edge of the clock after the start bit has been received. The sample period will end on the falling edge of the fifth clock following the start bit. After the D0 bit is input, one more clock is required to complete the sample and hold period (DIN is a “don’t care” for this clock). On the falling edge of the next clock, the device will output a low null bit. The next 13 clocks will output the result of the conversion with the sign bit first, followed by the 12 remaining data bits, as shown in Figure 6-2. Note that if the device is operating in the single ended mode, the sign bit will always be transmitted as a ‘0’. Data is always output from the device on the falling edge of the clock. If all 13 data bits have been transmitted, and the device continues to receive clocks while the CS is held low, the device will output the conversion result, LSB, first, as shown in Figure 6-3. If more clocks are provided to the device while CS is still low (after the LSB first data has been transmitted), the device will clock out zeros indefinitely. If necessary, it is possible to bring CS low and clock in leading zeros on the DIN line before the start bit. This is often done when dealing with microcontroller-based SPI ports that must send 8 bits at a time. Refer to Section 6.3 “Using the MCP3302/04 with Microcontroller (MCU) SPI Ports” for more details on using the MCP3302/04 devices with hardware SPI ports. TABLE 6-1: CONFIGURATION BITS FOR THE MCP3302 TABLE 6-2: CONFIGURATION BITS FOR THE MCP3304 Control Bit Selections Input Configuration Channel Selection Single /Diff D2* D1 D0 1 X 0 0 single ended CH0 1 X 0 1 single ended CH1 1 X 1 0 single ended CH2 1 X 1 1 single ended CH3 0 X 0 0 differential CH0 = IN+ CH1 = IN- 0 X 0 1 differential CH0 = IN- CH1 = IN+ 0 X 1 0 differential CH2 = IN+ CH3 = IN- 0 X 1 1 differential CH2 = IN- CH3 = IN+ *D2 is don’t care for MCP3302 Control Bit Selections Input Configuration Channel Selection Single /Diff D2 D1 D0 1 0 0 0 single ended CH0 1 0 0 1 single ended CH1 1 0 1 0 single ended CH2 1 0 1 1 single ended CH3 1 1 0 0 single ended CH4 1 1 0 1 single ended CH5 1 1 1 0 single ended CH6 1 1 1 1 single ended CH7 0 0 0 0 differential CH0 = IN+ CH1 = IN- 0 0 0 1 differential CH0 = IN- CH1 = IN+ 0 0 1 0 differential CH2 = IN+ CH3 = IN- 0 0 1 1 differential CH2 = IN- CH3 = IN+ 0 1 0 0 differential CH4 = IN+ CH5 = IN- 0 1 0 1 differential CH4 = IN- CH5 = IN+ 0 1 1 0 differential CH6 = IN+ CH7 = IN- 0 1 1 1 differential CH6 = IN- CH7 = IN+ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |