Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3808 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3808
Description  High-precision Low Voltage Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3808 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3808 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Datasheet
LP3808
LP3808 – 00 Ver. 1.0 Datasheet
Dec.-2006
Page 1 of 5
High-precision Low Voltage Detector
General Description
LP3808 is a series of high precision voltage detector
with ultra low current consumption(500nA typ. at
Vdd=3.0V). It can work at very low voltage, which
makes it perfect for system reset.
LP3808
is
composed
of
high
precision
voltage
reference, comparator, output driver and resistor array.
Internally preset detect voltage has a low temperature
drift and requires no external trimming.
Two type of output, CMOS and N-channel open-drain are
available.LP3808 is available in SOT-89-3,SOT-23-3, SOT23-5
packages which is Pb free.
Ordering Information
LP3808 -
□ □ □
□ □
□
F: Pb-Free
Package Type
B3: SOT23-3
B5: SOT23-5
X3: SOT89-3
Output Type
C: CMOS Output
N: Nch Open Drain
Detector Voltage
09:
0.9V
10:
1.0V
.
.
.
50:
5.0V
60:
6.0V
Marketing information
Please see website.
Feature
High-precision detection Voltage 2%
Detection Voltage 0.9V~6.0V (in 0.1V steps)
Precise hysteresis 4% typ.
Operating Voltage range 0.7V~10V
Ultra-low current consumption 500nA typ. (at VDD
3.0V)
Two Output forms CMOS and N-channel open-drain
Application
Power monitor for portable equipment such as
PDA,DSC,Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector
Pin Assignment
Pin Description
Pin Number
SOT89
SOT23
SOT25
Pin
Name
Function
1
1
1
Vout
Voltage Detection output
Pin
2
3
2
VDD
Voltage input pin
3
2
3
VSS
GND pin
4,5
NC
No Connection


Similar Part No. - LP3808

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LP3800K0603BT FRONTIER-LP3800K0603BT Datasheet
176Kb / 2P
LP3800K0603BT LOWPASS FILTER SPECIFICATION
logo
Lowpower Semiconductor ...
LP3809 POWER-LP3809 Datasheet
347Kb / 6P
Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
LP3809A-12B3F POWER-LP3809A-12B3F Datasheet
347Kb / 6P
Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
LP3809A-13B3F POWER-LP3809A-13B3F Datasheet
347Kb / 6P
Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
LP3809A-14B3F POWER-LP3809A-14B3F Datasheet
347Kb / 6P
Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
More results

Similar Description - LP3808

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
Voltage Detector, High-Precision
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
High-precision Low Voltage Detector
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
High-precision Low Voltage Detector
VER 1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com