Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3809 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3809
Description  Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3809 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3809 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LP3809
LP3809-datasheet
Oct.-2004
2-2
Functional Pin Description
Pin Name Pin Function
GND
Ground
RESET
Active Low Open-Drain Reset Output
VDD
Power Pin
Function Block Diagram
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------6V
Power Dissipation, PD @ TA = 25°C
SOT-23 --------------------------------------------------------------------------------------------------------------------400mW
Package Thermal Resistance
SOT-23, θJA -------------------------------------------------------------------------------------------------------------250°C/W
ESD Susceptibility
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)-----------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
Supply Input Voltage-----------------------------------------------------------------------------0.3V to 6V
Operation Ambient Temperature Range------------------------------------------------−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Quiescent Current
IQ
VEN ≥ 1.2V, IOUT =
0mA
3
μ
A
Reset Threshold
VTH
TA = 27°C
1.2
1.5
V
Threshold Voltage Accuracy
Δ
VTH
-1.5
1.5
%
VDD Drop to Reset Delay
Trd
Drop = VTH -125mV
20
uS
Reset Active Time
LP3809A/B VDD ≥ 1.02×VTH
210
mS
RESET Output Voltage Low
VOL
3 = VDD < VTH ISINK
>3.5mA
0.4
V
Thermal Shutdown
Temperature
TSD
165
°
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com