| Electronic Components Datasheet Search |
|
25AA040AT-E/MS Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25AA040AT-E/MS Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 30 page ![]() 25AA040A/25LC040A DS21827F-page 14 © 2009 Microchip Technology Inc. 4.0 PACKAGING INFORMATION 4.1 Package Marking Information T/XXXNNN XXXXXXXX YYWW 8-Lead PDIP I/P 1L7 25AA040A 0627 Example: 8-Lead SOIC XXXXYYWW XXXXXXXT NNN Example: SN 0627 25AA04AI 1L7 NNN XXXX TYWW 8-Lead TSSOP 1L7 5A4A I627 Example: 8-Lead MSOP (150 mil) Example: XXXXXT YWWNNN 5L4AI 6271L7 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. 3 e 3 e 1st Line Marking Codes 25AA040A 5A4A 25LC040A A4AX 5L4A L4AX Part Number TSSOP Standard Rotated MSOP SOT-23 DFN 5A4AT 5L4AT 32NN 35NN 36NN 421 424 425 —— I Temp. E Temp. I Temp. E Temp. Note: T = Temperature grade (I, E) NN = Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |