Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP78086 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP78086
Description  650mA High Efficiency Synchronous Buck with Dual Channel LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78086 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP78086 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary
Datasheet
LP78086
LP78086 –00 Ver. 1.0 Datasheet
Feb.-2008
Page 3 of 9
Function Block Diagram
Absolute Maximum Ratings
Input Supply Voltage
-0.3V to 6V
LDO Current
400mA
P-Channel Switch Source Current(DC)
800mA
N-Channel Switch Current(DC)
800mA
Peak SW Sink and Source Current
1100mA
Operation Temperature Range
--40℃ to 85℃
Junction Temperature
125℃
Storage Temperature
--65℃ to 150℃
Lead Temp(Soldering,10sec)
260℃
ESD Rating(HBM)
2KV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com