Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2203-28/12U6F Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP2203-28/12U6F
Description  200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2203-28/12U6F Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP2203-28/12U6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP2203-28/12U6F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP2203
LP2203 – 01 Ver. 1.1 Datasheet
Feb.-2008
Page 7 of 8
temperature 125°C, TA is the ambient temperature and
the θJA is the junction to ambient thermal resistance. For
recommended operating conditions specification of
LP2203, where TJ(MAX) is the maximum junction
temperature of the die (125°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (θJA is layout dependent) for USP-6 package
is 250°C/W.
PD(MAX) = (125°C−25°C) / 250 = 400mW (USP-6)
PD(MAX) = (125°C−25°C) / 165 = 606mW
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com