Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP78084 Datasheet(PDF) 17 Page - Lowpower Semiconductor inc

Part # LP78084
Description  Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78084 Datasheet(HTML) 17 Page - Lowpower Semiconductor inc

Back Button LP78084 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 16Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 17Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 18Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 19Page - Lowpower Semiconductor inc LP78084 Datasheet HTML 20Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Preliminary Datasheet
LP78084
LP78084 – 02 Ver. 1.1 Datasheet
Nov.-2007
Page 17 of 22
it is necessary to program the LP78084 to charge at a
current greater than 200mA. Assume that the LP78084
charger is programmed for 300mA (i.e., RI S ET = 1 .33k) to
ensure that part tolerances maintain a programmed current
higher than 200mA. Since the battery charger will demand a
charge current higher than the current limit of the input
supply, the supply voltage will collapse to the battery
voltage plus 200mA times the on-resistance of the internal
PMOSFET. The on-resistance of the battery charger power
device is approximately 1 with a 5V supply. The actual
on-resistance will be slightly higher due to the fact that the
input supply will have collapsed to less than 5V. The
power
dissipated
during
this
phase
of
charging
is
approximately 40mW. That is a ten times improvement
over the non-current limited supply power dissipation.
USB and Wall Adapter Power
Although the LP78084 allows charging from a USB port, a
wall adapter can also be used to charge Li-Ion batteries.
Figure 4 shows an example of how to combine wall adapter
and USB power inputs. A P-channel MOSFET, MP 1, is
used to prevent back conducting into the USB port when a
wall adapter is present and Schottky diode, D1, is used to
prevent USB power loss through the 1k pulldown resistor.
Typically a wall adapter can supply significantly more
current than the current-limited USB port. Therefore, an
N-channel MOSFET, MN 1, and an extra program resistor
can be used to increase the charge current when the wall
adapter is present.
Figure 4. Combining Wall Adapter and USB Power
Power Dissipation
The conditions that cause the LP78084 battery charger to
reduce charge current through thermal feedback can be
approximated by considering the total power dissipated in
the IC. For high charge currents, the LP78084 power
dissipation is approximately:
Where PD is the total power dissipated within the IC, ADP
is the input supply voltage, VBAT is the battery voltage, IBAT
is the charge current and PD_BUCK is the power dissipation
due to the regulator. PD_BUCK can be calculated as:
Where VOUTB is the regulated output of the switching
regulator, IOUTB is the regulator load and is the regulator
efficiency at that particular load.
It is not necessary to perform worst-case power dissipation
scenarios because the LP78084 will automatically reduce
the charge current to maintain the die temperature at
approximately 115°C. However, the approximate ambient
temperature at which the thermal feedback begins to rotect
the IC is:
Example: Consider the extreme case when an LP78084 is
operating from a 6V supply providing 250mA to a 3V
Li-Ion battery, the switching regulator and the LDO are off.
The ambient temperature above which the LP78084 will
begin to reduce the 250mA charge current is approximately:
(Correctly soldered to a 2500mm
2
double-sided 1 oz.
copper board, the LP78084 has a thermal resistance of
approximately 43°C/W.)
o
o
T =
1 15C6V3V250 m A 43 C/W
() ()
If there is more power dissipation due to the switching
regulator or the LDO, the thermal regulation will kick in at
a somewhat lower temperature than this. In the above
circumstances, the LP78084 can be used above 82.75°C, but
the charge current will be reduced from 250mA. The
approximate current at a given ambient temperature can be
calculated:
o
Using the previous example with an ambient temperature of
85°C, the charge current will be reduced to approximately:
o
o
o
Note: 1V = 1J/C = 1W/A
Furthermore, the voltage at the ISET pin will change
proportionally with the charge current as discussed in the
Programming Charge Current section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com