Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC040AT-I/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # 25LC040AT-I/MS
Description  4K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040AT-I/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button 25LC040AT-I/MS Datasheet HTML 7Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 8Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 9Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 10Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 11Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 12Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 13Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 14Page - Microchip Technology 25LC040AT-I/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21827F-page 11
25AA040A/25LC040A
2.6
Write Status Register Instruction
(WRSR)
The Write Status Register instruction (WRSR) allows the
user to write to the nonvolatile bits in the STATUS regis-
ter as shown in Table 2-2. See Figure 2-7 for the WRSR
timing sequence. Four levels of protection for the array
are selectable by writing to the appropriate bits in the
STATUS register. The user has the ability to write-protect
none, one, two or all four of the segments of the array as
shown in Table 2-3.
TABLE 2-3:
ARRAY PROTECTION
FIGURE 2-7:
WRITE STATUS REGISTER TIMING SEQUENCE (WRSR)
BP1
BP0
Array Addresses
Write-Protected
00
none
01
upper 1/4
(180h-1FFh)
10
upper 1/2
(100h-1FFh)
11
all
(000h-1FFh)
SO
SI
CS
9
1011
12131415
01
0
0
0
0
00
76
5
4
21
0
Instruction
Data to STATUS Register
High-impedance
SCK
0
2
34
56
7
1
8
3
Note:
An internal write cycle (TWC) is initiated on the rising edge of CS after a valid write STATUS register
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com