Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/SL Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6022T-E/SL
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/SL Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6022T-E/SL Datasheet HTML 33Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 34Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 35Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 36Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 37Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 38Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 39Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 40Page - Microchip Technology MCP6022T-E/SL Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 37
MCP6021/1R/2/3/4
APPENDIX A:
REVISION HISTORY
Revision D (February 2009)
The following is the list of modifications:
1.
Changed all references to 6.0V back to 5.5V
throughout document.
2.
Design Aids: Name change for Mindi Simula-
tion Tool.
3.
Section 1.0 “Electrical Characteristics”, DC
Electrical Specifications: Corrected “Maxi-
mum Output Voltage Swing” condition from 0.9V
Input Overdrive to 0.5V Input Overdrive.
4.
Section 1.0 “Electrical Characteristics”, AC
Electrical Specifications:
Changed Phase
Margin condition from G = +1 to G= +1 V/V.
5.
Section 1.0 “Electrical Characteristics”, AC
Electrical Specifications:
Changed Settling
Time, 0.2% condition from G = +1 to G = +1 V/V.
6.
Section 1.0
“Electrical
Characteristics”:
Added Section 1.1 Test Circuits.
7.
Section 5.0 “Design AIDS”: Name change for
Mindi Simulation Tool. Added new boards to
Section 5.5
“Analog
Demonstration
and
Evaluation Boards” and new application notes
to Section 5.6 “Application Notes”.
8.
Updates Appendix A: “Revision History”
Revision C (March 2006)
The following is the list of modifications:
1.
Added SOT-23-5 package option for single op
amps MCP6021 and MCP6021R (E-temp only).
2.
Added MSOP-8 package option for E-temp
single op amp (MCP6021).
3.
Corrected package drawing on front page for
dual op amp (MCP6022).
4.
Clarified spec conditions (ISC, PM and THD+N)
in
Section 2.0
“Typical
Performance
Curves”.
5.
Added Section 3.0 “Pin Descriptions”.
6.
Updated Section 4.0 “Applications informa-
tion” for THD+N, unused op amps, and gain
peaking discussions.
7.
Corrected and updated package marking infor-
mation in Section 6.0 “Packaging Informa-
tion”.
8.
Added Appendix A: “Revision History”.
Revision B (November 2003)
• Second Release of this Document
Revision A (November 2001)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com