Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-I/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6022T-I/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-I/ST Datasheet(HTML) 3 Page - Microchip Technology

  MCP6022T-I/ST Datasheet HTML 1Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 2Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 3Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 4Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 5Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 6Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 7Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 8Page - Microchip Technology MCP6022T-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 3
MCP6021/1R/2/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+, VIN–).....................±2 mA
Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ................................. –65° C to +150° C
Maximum Junction Temperature (TJ)........................ .+150° C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 2 kV; 200V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “
Input Voltage and Current Limits”.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2 and RL =10kΩ to VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage:
Industrial Temperature Parts
VOS
-500
—
+500
µV
VCM = 0V
Extended Temperature Parts
VOS
-250
—
+250
µV
VCM = 0V, VDD = 5.0V
Extended Temperature Parts
VOS
-2.5
—
+2.5
mV
VCM = 0V, VDD = 5.0V
TA = -40°C to +125°C
Input Offset Voltage Temperature Drift
ΔV
OS/ΔTA
—±3.5
—
µV/°C
TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
74
90
—
dB
VCM = 0V
Input Current and Impedance
Input Bias Current
IB
—1
—
pA
Industrial Temperature Parts
IB
—30
150
pA
TA = +85°C
Extended Temperature Parts
IB
—
640
5,000
pA
TA = +125°C
Input Offset Current
IOS
—±1
—
pA
Common-Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
—
Ω||pF
Common-Mode
Common-Mode Input Range
VCMR
VSS-0.3
—
VDD+0.3
V
Common-Mode Rejection Ratio
CMRR
74
90
—
dB
VDD = 5V, VCM = -0.3V to 5.3V
CMRR
70
85
—
dB
VDD = 5V, VCM = 3.0V to 5.3V
CMRR
74
90
—
dB
VDD = 5V, VCM = -0.3V to 3.0V
Voltage Reference (MCP6021 and MCP6023 only)
VREF Accuracy (VREF –VDD/2)
VREF_ACC
-50
—
+50
mV
VREF Temperature Drift
ΔV
REF/ΔT
A
—
±100
—
µV/°C
TA = -40°C to +125°C
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
90
110
—
dB
VCM = 0V,
VOUT = VSS+0.3V to VDD-0.3V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS+15
—
VDD-20
mV
0.5V input overdrive
Output Short Circuit Current
ISC
—±30
—
mA
VDD = 2.5V
ISC
—±22
—
mA
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com