Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA040AXT-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 25AA040AXT-E/MS
Description  4K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040AXT-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25AA040AXT-E/MS Datasheet HTML 10Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 11Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 12Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 13Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 14Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 15Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 16Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 17Page - Microchip Technology 25AA040AXT-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
25AA040A/25LC040A
DS21827F-page 14
© 2009 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
I/P
1L7
25AA040A
0627
Example:
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
0627
25AA04AI
1L7
NNN
XXXX
TYWW
8-Lead TSSOP
1L7
5A4A
I627
Example:
8-Lead MSOP (150 mil)
Example:
XXXXXT
YWWNNN
5L4AI
6271L7
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
1st Line Marking Codes
25AA040A
5A4A
25LC040A
A4AX
5L4A
L4AX
Part Number
TSSOP
Standard
Rotated
MSOP
SOT-23
DFN
5A4AT
5L4AT
32NN
35NN
36NN
421
424
425
——
I Temp.
E Temp.
I Temp.
E Temp.
Note: T = Temperature grade (I, E)
NN = Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com