Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC320AX-E/SN Datasheet(PDF) 27 Page - Microchip Technology

Part # 25LC320AX-E/SN
Description  32K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320AX-E/SN Datasheet(HTML) 27 Page - Microchip Technology

Back Button 25LC320AX-E/SN Datasheet HTML 22Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 23Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 24Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 25Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 26Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 27Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 28Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 29Page - Microchip Technology 25LC320AX-E/SN Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21828F-page 27
25AA320A/25LC320A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
25AA320A =
25LC320A =
25AA320AX =
25LC320AX =
32k-bit, 1.8V, SPI Serial EEPROM
32k-bit, 2.5V, SPI Serial EEPROM
32k-bit, 1.8V, SPI Serial EEPROM in alternate
pinout (ST only)
32k-bit, 2.5V, SPI Serial EEPROM in alternate
pinout (ST only)
Tape & Reel:
Blank
=
T=
Standard packaging
Tape & Reel
Temperature
Range:
I=
E=
-40
°C to+85°C
-40
°C to+125°C
Package:
MS
=
P=
SN
=
ST
=
MNY(1) =
Plastic MSOP (Micro Small Outline), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIC (3.90 mm body), 8-lead
TSSOP, 8-lead
TDFN, 8-lead 2x3 mm
Note
1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.
Examples:
a)
25AA320A-I/MS
=
32k-bit,
1.8V
Serial
EEPROM, Industrial temp., MSOP
package
b)
25AA320AT-I/SN
=
32k-bit,
1.8V
Serial
EEPROM, Industrial temp., Tape & Reel, SOIC
package
c)
25LC320AT-E/SN
=
32k-bit,
2.5V
Serial
EEPROM, Extended temp., Tape & Reel, SOIC
package
d)
25LC320AT-I/ST
=
32k-bit,
2.5V
Serial
EEPROM, Industrial temp., Tape & Reel,
TSSOP package
e)
25LC320AXT-I/ST
=
32k-bit,
2.5V
Serial
EEPROM, Industrial temp., Tape & Reel,
Rotated pinout, TSSOP package
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com