Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC320AX-I/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC320AX-I/ST
Description  32K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320AX-I/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC320AX-I/ST Datasheet HTML 10Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 11Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 12Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 13Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 14Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 15Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 16Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 17Page - Microchip Technology 25LC320AX-I/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
25AA320A/25LC320A
DS21828F-page 14
© 2009 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
8-Lead MSOP (150 mil)
Example:
XXXXXT
YWWNNN
5LBAI
3281L7
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
25LC320A
0328
Example:
Example:
SN
0728
25LC32AI
1L7
1L7
5LBA
I328
Example:
3
e
3
e
8-Lead 2x3 TDFN
Example
:
XXX
YWW
NN
C71
828
17
TSSOP 1st Line Marking
Device
std mark
25AA320A
5ABA
25AA320AX
ABAX
25LC320A
5LBA
25LC320AX
LBAX
MSOP 1st Line Marking
Device
std mark
25AA320A
5ABAT
25LC320A
5LBAT
TDFN 1st Line Marking
Device
std mark
25AA320A-I
C71
25LC320A-E
C74
25LC320A-I
C75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com