Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6024T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6024T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6024T-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 13
MCP6021/1R/2/3/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-37:
VREF Accuracy vs. Supply
Voltage (MCP6021 and MCP6023 only).
FIGURE 2-38:
Chip Select (CS) Hysteresis
(MCP6023 only) with VDD = 2.5V.
FIGURE 2-39:
Chip Select (CS) to
Amplifier Output Response Time (MCP6023
only).
FIGURE 2-40:
VREF Accuracy vs.
Temperature (MCP6021 and MCP6023 only).
FIGURE 2-41:
Chip Select (CS) Hysteresis
(MCP6023 only) with VDD = 5.5V.
FIGURE 2-42:
Measured Input Current vs.
Input Voltage (below VSS).
-50
-40
-30
-20
-10
0
10
20
30
40
50
0.00.5 1.01.5 2.0 2.5 3.0 3.5 4.04.5 5.05.5
Power Supply Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
Chip Select Voltage (V)
Op Amp
shuts off here
Op Amp
turns on here
Hysteresis
VDD = 2.5V
G = +1 V/V
VIN = 1.25V
CS swept
low to high
CS swept
high to low
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0E+00
5.0E-06
1.0E-05
1.5E-05
2.0E-05
2.5E-05
3.0E-05
3.5E-05
Time (5 µs/div)
Output High-Z
VDD = 5.0V
G = +1 V/V
VIN = VSS
Output
on
Output
on
VOUT
CS Voltage
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.5V
Representative Part
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Chip Select Voltage (V)
Op Amp
shuts off here
Op Amp
turns on here
Hysteresis
CS swept
high to low
CS swept
low to high
VDD = 5.5V
G = +1 V/V
VIN = 2.75V
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com