Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC320AXT-E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC320AXT-E/ST
Description  32K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320AXT-E/ST Datasheet(HTML) 1 Page - Microchip Technology

  25LC320AXT-E/ST Datasheet HTML 1Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 2Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 3Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 4Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 5Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 6Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 7Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 8Page - Microchip Technology 25LC320AXT-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21828F-page 1
25AA320A/25LC320A
Device Selection Table
Features:
• Max. Clock 10 MHz
• Low-Power CMOS Technology
- Max. Write Current: 5 mA at 5.5V, 10 MHz
- Read Current: 5 mA at 5.5V, 10 MHz
- Standby Current: 5
μA at 5.5V
• 4096 x 8-bit Organization
• 32-Byte Page
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability
- Endurance: >1M erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Ranges Supported;
• Pb-Free and RoHS Compliant
Description:
The Microchip Technology Inc. 25AA320A/25LC320A
(25XX320A*) are 32 kbit Serial Electrically Erasable
PROMs. The memory is accessed via a simple Serial
Peripheral Interface (SPI) compatible serial bus. The
bus signals required are a clock input (SCK) plus sep-
arate data in (SI) and data out (SO) lines. Access to the
device is controlled through a Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25XX320A is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packaging including 8-lead MSOP, TSSOP and 2x3
TDFN.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC320A
2.5-5.5V
32 Byte
I,E
P, SN, ST, MS, MNY
25AA320A
1.8-5.5V
32 Byte
I
P, SN, ST, MS, MNY
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40°C to +125°C
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC
(P, SN)
TSSOP/MSOP
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST, MS)
TDFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MNY)
X-Rotated TSSOP
HOLD
VCC
CS
SO
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
(X/ST)
32K SPI Bus Serial EEPROM
*25XX320A is used in this document as a generic part number
for the 25AA320A, 25LC320A devices.


Similar Part No. - 25LC320AXT-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC320A MICROCHIP-25LC320A Datasheet
425Kb / 26P
32K SPI Bus Serial EEPROM
2007
25LC320A MICROCHIP-25LC320A Datasheet
424Kb / 26P
32K SPI Bus Serial EEPROM
2007
25LC320A MICROCHIP-25LC320A Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC320A-E/MS MICROCHIP-25LC320A-E/MS Datasheet
425Kb / 26P
32K SPI Bus Serial EEPROM
2007
25LC320A-E/MS MICROCHIP-25LC320A-E/MS Datasheet
424Kb / 26P
32K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25LC320AXT-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C320 MICROCHIP-25C320 Datasheet
86Kb / 12P
32K 5.0V SPI Bus Serial EEPROM
2004
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
32K 2.5V SPI Bus Serial EEPROM
1996
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
32K SPI Bus Serial EEPROM
2004
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
SPI bus 32K/64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25AA320A MICROCHIP-25AA320A Datasheet
425Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
32K SPI Bus Serial EEPROM
07/12/04
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com