Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820-IF70.0M-R Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 820-IF70.0M-R
Description  Base Station & Repeater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF70.0M-R Datasheet(HTML) 1 Page - Oscilent Corporation

  820-IF70.0M-R Datasheet HTML 1Page - Oscilent Corporation 820-IF70.0M-R Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
.
.
IF SAW Filter
Part Number
Package
Application
Last Modified
820-IF70.0M-R
20.2 x 12.6 Thru Hole
Base Station & Repeater
May 02 2003
TYPE :
70.0 MHz Bandpass Filter
300 KHz Bandwidth
PART NUMBER :
820-IF70.0M-R
Horizontal : 0.5 MHz/Div
Veritical : 10 dB/Div
Horizontal : 0.08 MHz/Div
Veritical : 1 dB/Div
Veritical : 100 ns/Div
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
Minimum
Typical
Maximum
Units
Center Frequency
69.92
70.00
70.08
MHz
Insertion Loss
-
13.5
16.0
dB
1dB Bandwidth
0.12
0.18
-
MHz
3dB Bandwidth
0.20
0.34
-
MHz
40dB Bandwidth
-
1.1
1.2
MHz
Passband Ripple
-
1.2
1.5
dB
Group Delay Variation
-
300
1000
nsec
Absolute Delay
-
2.63
-
µsec
Ultimate Rejection
45
50
-
dB
Substrate Material
-
Qz
-
-
Ambient Temperature
-
25
-
°C
* Custom SAW IF Filters available. Contact Oscilent for assistance.
PACKAGE OUTLINE (mm)
TEST FIXTURE
Page 1 of 2
Oscilent Corporation IF SAW Filter | 820-IF70.0M-R
12/28/2005
http://www.oscilent.com/spec_pages/if_sawfilter/if_820_if70_0r.htm


Similar Part No. - 820-IF70.0M-R

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF70.0M-R OSCILENT-820-IF70.0M-R_14 Datasheet
139Kb / 4P
70.0MHz IF SAW Filter 0.3 MHz Bandwidth
More results

Similar Description - 820-IF70.0M-R

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF70.0M-BA OSCILENT-813-IF70.0M-BA Datasheet
148Kb / 2P
Base Station & Repeater
813-IF75.0M-C OSCILENT-813-IF75.0M-C Datasheet
131Kb / 2P
Base Station & Repeater
819-IF70.0M-X OSCILENT-819-IF70.0M-X Datasheet
144Kb / 2P
Base Station & Repeater
820-IF70.0M-D OSCILENT-820-IF70.0M-D Datasheet
142Kb / 2P
Base Station & Repeater
820-IF70.0M-E OSCILENT-820-IF70.0M-E Datasheet
141Kb / 2P
Base Station & Repeater
820-IF70.0M-G OSCILENT-820-IF70.0M-G Datasheet
144Kb / 2P
Base Station & Repeater
820-IF76.9M-A OSCILENT-820-IF76.9M-A Datasheet
133Kb / 1P
Base Station & Repeater
820-IF140.0M-C OSCILENT-820-IF140.0M-C Datasheet
141Kb / 2P
Base Station & Repeater
835-IF70.0M-KA OSCILENT-835-IF70.0M-KA Datasheet
142Kb / 2P
Base Station & Repeater
835-IF75.0M-E OSCILENT-835-IF75.0M-E Datasheet
142Kb / 2P
Base Station & Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com