Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L71 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6L71
Description  2 MHz, 150 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6L71 Datasheet HTML 1Page - Microchip Technology MCP6L71 Datasheet HTML 2Page - Microchip Technology MCP6L71 Datasheet HTML 3Page - Microchip Technology MCP6L71 Datasheet HTML 4Page - Microchip Technology MCP6L71 Datasheet HTML 5Page - Microchip Technology MCP6L71 Datasheet HTML 6Page - Microchip Technology MCP6L71 Datasheet HTML 7Page - Microchip Technology MCP6L71 Datasheet HTML 8Page - Microchip Technology MCP6L71 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP6L71/1R/2/4
DS22145A-page 4
© 2009 Microchip Technology Inc.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Power Supply
Supply Voltage
VDD
2.0
—
6.0
V
Quiescent Current per Amplifier
IQ
50
150
240
µA
IO = 0
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS =GND,
VCM =VDD2, VOUT ≈ VDD/2, VL = VDD/2, RL =10kΩ to VL and CL = 60 pF. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
2.0
—
MHz
Phase Margin
PM
—
65
—
°
G = +1 V/V
Slew Rate
SR
—
0.9
—
V/µs
Noise
Input Noise Voltage
Eni
—
4.6
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—
19
—
nV/
√Hz f = 10 kHz
Input Noise Current Density
ini
—
3—
fA/
√Hz f = 1 kHz
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD =5.0V, VSS = GND, VCM =VDD/2,
VOUT ≈ VDD/2, VL = VDD/2 and RL =10kΩ to VL. (Refer to Figure 1-1).
Parameters
Sym
Min
(Note 1)
Typ
Max
(Note 1)
Units
Conditions
Note 1:
For design guidance only; not tested.
Electrical Characteristics: Unless otherwise indicated, VDD = +2.0V to +5.5V and VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
–40
—
+125
°C
Operating Temperature Range
TA
–40
—
+125
°C
Note 1
Storage Temperature Range
TA
–65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θ
JA
—256
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—163
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—206
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—
100
—
°C/W
Note 1: The Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com