Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L74T-E/ST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6L74T-E/ST
Description  2 MHz, 150 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L74T-E/ST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6L74T-E/ST Datasheet HTML 24Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 25Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 26Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 27Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 28Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 29Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 30Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 31Page - Microchip Technology MCP6L74T-E/ST Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22145A-page 29
MCP6L71/1R/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6L71T:
Single Op Amp (Tape and Reel)
(MSOP, SOIC, SOT-23-5)
MCP6L71RT:
Single Op Amp (Tape and Reel)
(SOT-23-5)
MCP6L72T:
Dual Op Amp (Tape and Reel)
(MSOP, SOIC)
MCP6L74T:
Quad Op Amp (Tape and Reel)
(SOIC, TSSOP)
Temperature Range:
E
= -40°C to +125°C
Package:
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6L71, MCP6L71R)
MS = Plastic MSOP, 8-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
ST
= Plastic TSSOP (4.4 mm Body), 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6L71T-E/OT:
Tape and Reel,
5LD SOT-23 package.
b)
MCP6L71T-E/MS:
Tape and Reel,
8LD MSOP package.
c)
MCP6L71T-E/SN:
Tape and Reel,
8LD SOIC package.
a)
MCP6L71RT-E/OT: Tape and Reel,
5LD SOT-23 package.
a)
MCP6L72T-E/MS: Tape and Reel,
8LD MSOP package.
b)
MCP6L72T-E/SN:
Tape and Reel,
8LD SOIC package.
a)
MCP6L74T-E/SL:
Tape and Reel,
14LD SOIC package.
b)
MCP6L74-E/ST:
Tape and Reel,
14LD TSSOP package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com