Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA128X-E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA128X-E/ST
Description  128K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA128X-E/ST Datasheet(HTML) 4 Page - Microchip Technology

  25AA128X-E/ST Datasheet HTML 1Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 2Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 3Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 4Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 5Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 6Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 7Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 8Page - Microchip Technology 25AA128X-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
25AA128/25LC128
DS21831D-page 4
© 2009 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
17
THH
HOLD Hold Time
20
40
80
—
—
—
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
1.8V
≤ Vcc < 2.5V
18
THZ
HOLD Low to Output
High-Z
30
60
160
—
—
—
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V(Note 1)
2.5V
≤ Vcc < 4.5V(Note 1)
1.8V
≤ Vcc < 2.5V(Note 1)
19
THV
HOLD High to Output
Valid
30
60
160
—
—
—
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
1.8V
≤ Vcc < 2.5V
20
TWC
Internal Write Cycle Time
—
5
ms
(NOTE 2)
21
—
Endurance
1,000,000
—
E/W
Cycles
Page Mode, 25°C, VCC = 5.5V (NOTE 3)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E):
TA = -40°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is
complete.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site:
www.microchip.com.
AC Waveform:
VLO = 0.2V
—
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
CL = 50 pF
—
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com