Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA640AX-I/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # 25AA640AX-I/MS
Description  64K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA640AX-I/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25AA640AX-I/MS Datasheet HTML 11Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 12Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 13Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 14Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 15Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 16Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 17Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 18Page - Microchip Technology 25AA640AX-I/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21830D-page 15
25AA640A/25LC640A
Note:
Custom marking available.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com