Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC128XT-I/MF Datasheet(PDF) 9 Page - Microchip Technology

Part # 25LC128XT-I/MF
Description  128K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC128XT-I/MF Datasheet(HTML) 9 Page - Microchip Technology

Back Button 25LC128XT-I/MF Datasheet HTML 5Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 6Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 7Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 8Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 9Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 10Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 11Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 12Page - Microchip Technology 25LC128XT-I/MF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2009 Microchip Technology Inc.
DS21831D-page 9
25AA128/25LC128
2.4
Write Enable (WREN) and Write
Disable (WRDI)
The 25XX128 contains a write enable latch.
See
Table 2-4 for the Write-Protect functionality matrix. This
latch must be set before any write operation will be
completed internally. The WREN instruction will set the
latch, and the WRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
FIGURE 2-4:
WRITE ENABLE SEQUENCE (WREN)
FIGURE 2-5:
WRITE DISABLE SEQUENCE (WRDI)
SCK
0
2
34
56
7
1
SI
High-Impedance
SO
CS
01
00
00
0
1
SCK
0
2345
67
1
SI
High-Impedance
SO
CS
01
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com