Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62WECAS Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # 62WECAS
Description  Waveguide to Coaxial Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

62WECAS Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  62WECAS Datasheet HTML 1Page - American Accurate Components, Inc. 62WECAS Datasheet HTML 2Page - American Accurate Components, Inc. 62WECAS Datasheet HTML 3Page - American Accurate Components, Inc. 62WECAS Datasheet HTML 4Page - American Accurate Components, Inc. 62WECAS Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Right Angle W/G to Coaxial Adapter
Right Angle Waveguide to Coaxial Adapter
Standard Models
P/N
Frequency
Range
(GHz)
Waveguide
VSWR
Flange
Connector
Material
975WCAN
0.75-1.12
WR975
1.25
FDP9
N-F
Al
770WCAN
0.96-1.45
WR770
1.25
FDP12
N-F
Al
650WCAN
1.12-1.70
WR650
1.25
FDP14/FDM14
N-F
Al
510WCAN
1.45-2.20
WR510
1.25
FDP18/FDM18
N-F
Al/Cu
430WCAN
1.70-2.60
WR430
1.25
FDP22/FDM22
N-F
Al/Cu
340WCAN
2.20-3.30
WR340
1.25
FDP26/FDM26
N-F
Al/Cu
284WCAN
2.60-3.95
WR284
1.25
FDP32/FDM32
N-F
Al/Cu
229WCAN
3.30-4.90
WR229
1.25
FDP40/FDM40
N-F
Al/Cu
187WCAN
3.95-5.85
WR187
1.25
FDP48/FDM48
N-F
Al/Cu
159WCAN
4.90-7.05
WR159
1.25
FDP58/FDM58
N-F
Al/Cu
137WCAN
5.85-8.20
WR137
1.25
FDP70/FDM70
N-F
Al/Cu
137WCAS
5.85-8.20
WR137
1.25
FDP70/FDM70
SMA-F
Al/Cu
112WCAN
7.05-10.0
WR112
1.25
FBP84/FBM84/FBE84
N-F
Al/Cu
112WCAS
7.05-10.0
WR112
1.25
FBP84/FBM84/FBE84
SMA-F
Al/Cu
90WCAN
8.20-12.4
WR90
1.25
FBP100/FBM100/FBE100
N-F
Al/Cu
90WCAS
8.20-12.4
WR90
1.25
FBP100/FBM100/FBE100
SMA-F
Al/Cu
75WCAN
10.0-15.0
WR75
1.25
FBP120/FBM120/FBE120
N-F
Al/Cu
75WCAS
10.0-15.0
WR75
1.25
FBP120/FBM120/FBE120
SMA-F
Al/Cu
62WCAS
12.4-18.0
WR62
1.25
FBP140/FBM140/FBE140
SMA-F
Al/Cu
51WCAS
15.0-22.0
WR51
1.25
FBP180/FBM180/FBE180
SMA-F
Al/Cu
42WCAS
18.0-26.5
WR42
1.30
FBP220/FBM220/FBE220
SMA-F
Al/Cu
34WCAS
22.0-33.0
WR34
1.50
FBP260/FBM260/FBE260
SMA-F
Al/Cu
28WCAK
26.5-40.0
WR28
1.50
FBP320/FBM320/FBE320
2.92K-F
Al/Cu
22WCA2.4
33.0-50.0
WR22
1.50
FUGP400
2.4mm-F
Cu
19WCAV
40.0-60.0
WR19
1.50
FUGP500
1.85mm-F
Cu
AAC manufactures wide variety of right angle
waveguide to coaxial adapter assemblies specially
designed for every customer’s unique requirements.
Right Angle Waveguide to Coaxial Adapter can be
assembled with many types of flange. We also offer
many other special configurations, length and whole
size to meet special requirements.
Ordering Information
P/N:
229
WCAN
WR Size
Product Code
Example: 229WCAN is a WR229 waveguide to coaxial
adapter(N type Female connector).
Note: 1. Customization is available;
2. For detailed information of each right angle waveguide to coaxial adapter, please visit the
website: www.aacix.com.


Similar Part No. - 62WECAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
62WV12816EC ETC1-62WV12816EC Datasheet
276Kb / 9P
Very Low Power/Voltage CMOS SRAM 128k X 16 bit
62WV12816EI ETC1-62WV12816EI Datasheet
276Kb / 9P
Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - 62WECAS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
NM-SM50+ MINI-NM-SM50+ Datasheet
135Kb / 1P
Coaxial Adapter, N-MALE to SMA-M
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Advanced Technical Mate...
750-251-XX ATM-750-251-XX Datasheet
85Kb / 1P
OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
580-251-XX ATM-580-251-XX Datasheet
82Kb / 1P
OUTLINE, WRD580 SMA - WAVEGUIDE ADAPTER
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
Adapter for Coaxial Connectors
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com