Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6234-E/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6234-E/ST
Description  20 關A, 300 kHz Rail-to-Rail Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6234-E/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6234-E/ST Datasheet HTML 32Page - Microchip Technology MCP6234-E/ST Datasheet HTML 33Page - Microchip Technology MCP6234-E/ST Datasheet HTML 34Page - Microchip Technology MCP6234-E/ST Datasheet HTML 35Page - Microchip Technology MCP6234-E/ST Datasheet HTML 36Page - Microchip Technology MCP6234-E/ST Datasheet HTML 37Page - Microchip Technology MCP6234-E/ST Datasheet HTML 38Page - Microchip Technology MCP6234-E/ST Datasheet HTML 39Page - Microchip Technology MCP6234-E/ST Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
© 2009 Microchip Technology Inc.
DS21881E-page 37
MCP6231/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6231:
Single Op Amp (MSOP, PDIP, SOIC)
MCP6231T:
Single Op Amp (Tape and Reel)
(MSOP, SOIC, SOT-23)
MCP6231RT:
Single Op Amp (Tape and Reel)
(SOT-23)
MCP6231UT:
Single Op Amp (Tape and Reel)
(SC70, SOT-23, TDFN)
MCP6232:
Dual Op Amp
MCP6232T:
Dual Op Amp (Tape and Reel)
(MSOP, SOIC)
MCP6234:
Quad Op Amp
MCP6234T:
Quad Op Amp (Tape and Reel)
(TSSOP, SOIC)
Temperature Range:
E
= -40° C to +125° C
Package:
LT
= Plastic Package (SC70), 5-lead (MCP6231U only)
MC = Plastic Dual Flat No-Lead (DFN) 2x3, 8-lead
(MCP6231 only)
MNY= Plastic Dual Flat No-Lead (TDFN) 2x3, 8-lead
(MCP6232 only)
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6231, MCP6231R, MCP6231U)
SN = Plastic SOIC (150 mil Body), 8-lead
SL
= Plastic SOIC (150 mil Body), 14-lead
ST
= Plastic TSSOP (4.4 mil Body), 14-lead
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP6231-E/MC:
Extended Temperature
8LD DFN package.
b) MCP6231-E/MS:
Extended Temperature
8LD MSOP package.
c) MCP6231UT-E/LT: Tape and Reel,
Extended Temperature
5LD SC70 package.
d) MCP6231-E/P:
Extended Temperature
8LD PDIP package.
e) MCP6231RT-E/OT: Tape and Reel,
Extended Temperature
5LD SOT-23 package
f) MCP6231UT-E/OT: Tape and Reel,
Extended Temperature
5LD SOT-23.
g) MCP6231-E/SN:
Extended Temperature
8LD SOIC package.
a) MCP6232-E/SN:
Extended Temperature
8LD SOIC package.
b) MCP6232-E/MS:
Extended Temperature
8LD MSOP package.
c) MCP6232-E/P:
Extended Temperature
8LD PDIP package.
d) MCP6232T-E/SN:
Tape and Reel,
Extended Temperature
8LD SOIC package.
e) MCP6232T-E/MNY: Tape and Reel,
Extended Temperature
8LD TDFN package.
a) MCP6234-E/P:
Extended Temperature
14LD PDIP package.
b) MCP6234-E/SL:
Extended Temperature
14LD SOIC package.
c) MCP6234-E/ST:
Extended Temperature,
14LD TSSOP package
d) MCP6234T-E/SL:
Tape and Reel,
Extended Temperature
14LD SOIC package.
e) MCP6234T-E/ST:
Tape and Reel,
Extended Temperature
14LD TSSOP package.
X
Tape and Reel
Alternate Pinout
and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com