Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3550 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3550 Datasheet HTML 6Page - Microchip Technology MCP3550 Datasheet HTML 7Page - Microchip Technology MCP3550 Datasheet HTML 8Page - Microchip Technology MCP3550 Datasheet HTML 9Page - Microchip Technology MCP3550 Datasheet HTML 10Page - Microchip Technology MCP3550 Datasheet HTML 11Page - Microchip Technology MCP3550 Datasheet HTML 12Page - Microchip Technology MCP3550 Datasheet HTML 13Page - Microchip Technology MCP3550 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MCP3550/1/3
DS21950E-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise specified, TA = +25°C, VDD = 5V, VREF = 2.5V, VSS = 0V, VCM = VREF/2, VIN+ = VIN-.
All ppm units use 2*VREF as full scale range. Unless otherwise noted, graphs apply to entire MCP3550/1/3 family.
FIGURE 2-19:
Total Unadjusted Error
(TUE) vs. Input Voltage.
FIGURE 2-20:
Total Unadjusted Error
(TUE) vs. Input Voltage (VREF = 5.0V).
FIGURE 2-21:
Maximum TUE vs. VREF.
FIGURE 2-22:
Maximum TUE vs.
Temperature.
FIGURE 2-23:
Maximum TUE vs. VDD.
FIGURE 2-24:
IDDS vs. Temperature.
-5
-4
-3
-2
-1
0
1
2
3
4
5
-2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
VIN (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-5
-4
-3
-2
-1
0
1
2
3
4
5
VIN (V)
0
1
2
3
4
5
6
7
8
9
10
01
23
45
VREF (V)
0
1
2
3
4
5
6
-50
-25
0
255075
100
125
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.5
2.733.3
4
5
5.5
VDD (V)
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
MCP3550/1
MCP3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com