Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP98242 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP98242
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP98242 Datasheet HTML 35Page - Microchip Technology MCP98242 Datasheet HTML 36Page - Microchip Technology MCP98242 Datasheet HTML 37Page - Microchip Technology MCP98242 Datasheet HTML 38Page - Microchip Technology MCP98242 Datasheet HTML 39Page - Microchip Technology MCP98242 Datasheet HTML 40Page - Microchip Technology MCP98242 Datasheet HTML 41Page - Microchip Technology MCP98242 Datasheet HTML 42Page - Microchip Technology MCP98242 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
© 2009 Microchip Technology Inc.
DS21996C-page 39
MCP98242
6.0
APPLICATIONS INFORMATION
6.1
Connecting to the Serial Bus
The SDA and SCLK serial interface pins are
open-drain pins that require pull-up resistors. This
configuration is shown in Figure 6-1.
FIGURE 6-1:
Pull-up Resistors On Serial
Interface.
The number of devices connected to the bus is limited
only by the maximum rise and fall times of the SDA and
SCLK lines. Unlike I2C specifications, SMBus does not
specify a maximum bus capacitance value. Rather, the
SMBus specification requires that the maximum
current through the pull-up resistor be 350 µA and
minimum 100 µA. Because of this, the value of the
pull-up resistors will vary depending on the system’s
bias voltage (VDD). The pull-up resistor values for a
3.3 V system ranges 9 k
Ω to 33 kΩ. Minimizing bus
capacitance is still very important as it directly affects
the rise and fall times of the SDA and SCLK lines.
Although SMBus specifications only require the SDA
and SCLK lines to pull-down 350 µA, with a maximum
voltage drop of 0.4 V, the MCP98242 is designed to
meet a maximum voltage drop of 0.4 V, with 3 mA of
current. This allows lower pull-up resistor values to be
used, allowing the MCP98242 to handle higher bus
capacitance. In such applications, all devices on the
bus
must
meet
the
same
pull-down
current
requirements.
A possible configuration using multiple devices on the
SMBus is shown in Figure 6-2.
FIGURE 6-2:
Multiple Devices on DIMM
SMBus.
6.2
Layout Considerations
The MCP98242 does not require any additional
components besides the master controller in order to
measure temperature. However, it is recommended
that a decoupling capacitor of 0.1 µF to 1 µF be used
between the VDD and GND pins. A high-frequency
ceramic capacitor is recommended. It is necessary for
the capacitor to be located as close as possible to the
power and ground pins of the device in order to provide
effective noise protection.
6.3
Thermal Considerations
A potential for self-heating errors can exist if the
MCP98242 SDA, SCLK and Event lines are heavily
loaded with pull-ups (high current). Typically, the
self-heating error is negligible because of the relatively
small current consumption of the MCP98242. A
temperature accuracy error of approximately 0.5°C
could result from self-heating if the communication pins
sink/source the maximum current specified.
For example, if the Event output is loaded to maximum
IOL, Equation 6-1 can be used to determine the effect
of self-heating.
EQUATION 6-1:
EFFECT OF
SELF-HEATING
At room temperature (TA = +25°C) with maximum
IDD = 500 µA and VDD = 3.6V, the self-heating due to
power dissipation TΔ is 0.2°C for the DFN-8 package
and 0.5°C for the TSSOP-8 package.
SDA
SCLK
VDD
R
R
MCP98242
Event
R
Master
Slave
SDA SCLK
MCP98242
Temperature
Sensor
24LCS52
EEPROM
TΔ θJA VDD IDD VOL_Event IOL_Event VOL_SDA IOL_SDA
•
+
•
+
•
()
=
Where:
TΔ =TJ - TA
TJ = Junction Temperature
TA = Ambient Temperature
θJA = Package Thermal Resistance
VOL_Event, SDA = Event and SDA Output VOL
(0.4 Vmax)
IOL_Event, SDA = Event and SDA Output IOL
(3 mAmax)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com