Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73831-2ACI/OT Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP73831-2ACI/OT
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/OT Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP73831-2ACI/OT Datasheet HTML 15Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 16Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 17Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 18Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 19Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 20Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 21Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 22Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21984E-page 19
MCP73831/2
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
5-Lead SOT-23
Example:
XXNN
KD25
8-Lead DFN (2 mm x 3 mm)
Example:
XXX
YWW
NN
AAE
739
25
Device
Code
MCP73831T-2ACI/MC
AAE
MCP73831T-2ATI/MC
AAF
MCP73831T-2DCI/MC
AAG
MCP73831T-3ACI/MC
AAH
MCP73831T-4ADI/MC
AAJ
MCP73831T-5ACI/MC
AAK
MCP73832T-2ACI/MC
AAL
MCP73832T-2ATI/MC
AAM
MCP73832T-2DCI/MC
AAP
MCP73832T-3ACI/MC
AAQ
MCP73832T-4ADI/MC
AAR
MCP73832T-5ACI/MC
AAS
Note: Applies to 8-Lead DFN
Device
Code
MCP73831T-2ACI/OT
KDNN
MCP73831T-2ATI/OT
KENN
MCP73831T-2DCI/OT
KFNN
MCP73831T-3ACI/OT
KGNN
MCP73831T-4ADI/OT
KHNN
MCP73831T-5ACI/OT
KJNN
MCP73832T-2ACI/OT
KKNN
MCP73832T-2ATI/OT
KLNN
MCP73832T-2DCI/OT
KMNN
MCP73832T-3ACI/OT
KPNN
MCP73832T-4ADI/OT
KQNN
MCP73832T-5ACI/OT
KRNN
MCP73832T-2DFI/OT
LUNN
Note: Applies to 5-Lead SOT-23
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com