Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP507057KB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # HVP507057KB
Description  Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

HVP507057KB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  HVP507057KB Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HVP Series - Up to 5 Gig ohm, 250 Watt and 300 KV DC
Custom solutions are available..
HOW TO ORDER
HVP 100 7507
F B
Buck Packing
FEATURES
HVP Series
Power Type High Voltage
ELECTRICAL SPECIFICATIONS
Range of resistance
values
Min.
(MΩ)
Max.
(MΩ)
Rated
Power
Max.
working
voltage
Impulse voltage
(kV)
Dimensions (mm)
Resistance
tolerance
Center
tap
Holder
Type
Type
HVP5
HVP10
HVP25
HVP50
HVP100
HVP150
HVP200
HVP250
0.05
0.05
0.05
0.05
0.05
0.1
0.1
0.1
2000
5000
5000
5000
5000
5000
5000
5000
(W)
5
10
25
50
100
150
200
250
30
60
90
120
150
200
250
300
DC (kV)
L
D
H
19 0.5
23 0.5
30 0.5
46 0.5
46 0.5
46 0.5
54 0.5
54 0.5
100 2
200 2
280 2
370 2
470 2
600 3
800 3
1000 5
10
15
20
20
25
25
32
32
2
M4
M8
(%)
1 (F)
2 (G)
5 (J)
10(K)
H2
H3
H4
H5
H6
1.2X50 µ sec
40
80
120
160
200
H
H
L
Shape
100
80
60
40
20
0
25
50
75
100
125
Ambient temperature ( C)
Derating Curve
Dimensions (mm)
R
D
L
H
h1
M
t
W
Holder
Type
H2
H3
H4
H5
H6
9
11
14.5
22.5
26.5
10
15
18
20
25
16
18
24
36
45
25
32
39
60
70
15
21
26
38
47
4.2
4.2
6.5
6.5
6.5
0.8
1.0
1.0
1.5
1.5
1.5 0.5
1.5 0.5
1.5 1
2 1
2 1
•
Low temperature coefficient
•
Wide range of resistance values
•
Ultra high stability
•
Excellent load life
Resistance Torrance
F = + 1% J = + 5%
G = + 2% K= + 10%
APPLICATIONS
Widely used in electron microscopes, X-ray
apparatuses, electric precipitators, and many other high
voltage equipments.
Resistance
1% = 4 Digits
2%, 5%, 10% = 3 Digits
Rated Power (W)
5
10
25
50
100
150
200
250
CHARACTERISTICS
Item
Characteristics
Test method
Operating temperature range
-25°C~+125°C
Temperature coefficient
-300~+600ppm/°C
The test date is based on a temperature difference of 100 C
(reference temperature, 25 C ; measurement temperature, 125 C
Short-time overload
+ 2.5%
Immersed in oil at 75 C ; rated voltage 2.5applied for 5 sec
Load life
+ 5%
Immersed in oil at 75 C ; rated voltage applied for 1,000hr
188 Technology Drive Unit H, Irvine, CA 92618
1
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
American Accurate Components,
Ultra High Voltage Resistors
The content of this specification may change without notification 11/12/08


Similar Part No. - HVP507057KB

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP500 HITRON-HVP500 Datasheet
272Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HVP500-T033EI HITRON-HVP500-T033EI Datasheet
272Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HVP500-T033EK HITRON-HVP500-T033EK Datasheet
272Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HVP500-T033EM HITRON-HVP500-T033EM Datasheet
272Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HVP500-T050DI HITRON-HVP500-T050DI Datasheet
272Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
More results

Similar Description - HVP507057KB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA345 SSDI-SDA345 Datasheet
197Kb / 2P
ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 10 KV 250 mA
SDA346 SSDI-SDA346 Datasheet
194Kb / 2P
ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 30 KV 250 mA
logo
RCD COMPONENTS INC.
SR90-503-FBW RCD-SR90-503-FBW Datasheet
45Kb / 1P
HIGH POWER & HIGH VOLTAGE RESISTORS 2 WATT to 250 WATT, 15KV to 300KV
logo
AIMTEC
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
Up to 5 Watt | DC-DC Converter
AMSR1-78Z AIMTEC-AMSR1-78Z_1 Datasheet
130Kb / 3P
Up to 5 Watt | DC-DC Converter
logo
Vishay Siliconix
HTS VISHAY-HTS Datasheet
91Kb / 3P
High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
01-Aug-13
RCVE3 VISHAY-RCVE3 Datasheet
96Kb / 5P
High Voltage (up to 0.5 kV) Thick Film Chip Resistors
27-Mar-13
logo
TT Electronics.
4530 TTELEC-4530 Datasheet
269Kb / 2P
voltage up to 15 kv dc
logo
Vishay Siliconix
RCVAT-E3 VISHAY-RCVAT-E3 Datasheet
119Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
25-Jun-2020
RCV-ATE3 VISHAY-RCV-ATE3 Datasheet
127Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
05-Jul-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com