Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1702-1502E/TO Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1702-1502E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1502E/TO Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1702-1502E/TO Datasheet HTML 6Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 7Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 8Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 9Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 10Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 11Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 12Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 13Page - Microchip Technology MCP1702-1502E/TO Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP1702
DS22008D-page 10
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated: V
R = 2.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VOUT(MAX) + VDROPOUT(MAX).
FIGURE 2-19:
Load Regulation vs.
Temperature.
FIGURE 2-20:
Load Regulation vs.
Temperature.
FIGURE 2-21:
Load Regulation vs.
Temperature.
FIGURE 2-22:
Line Regulation vs.
Temperature.
FIGURE 2-23:
Line Regulation vs.
Temperature.
FIGURE 2-24:
Line Regulation vs.
Temperature.
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 1.2V
ILOAD = 0.1 mA to 200 mA
VIN = 4V
VIN = 13.2V
VIN = 6V
VIN = 12V
VIN = 10V
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 2.8V
ILOAD = 1 mA to 250 mA
VIN = 3.8V
VIN = 13.2V
VIN = 10V
VIN = 6V
-0.10
0.00
0.10
0.20
0.30
0.40
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 5.0V
ILOAD = 1 mA to 250 mA
VIN = 6V
VIN = 13.2V
VIN = 8V
VIN = 10V
0.00
0.04
0.08
0.12
0.16
0.20
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 1.2V
VIN = 2.7V to 13.2V
1 mA
100 mA
0 mA
0.00
0.04
0.08
0.12
0.16
0.20
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 2.8V
VIN = 3.8V to 13.2V
200 mA
100 mA
0 mA
250 mA
0.06
0.08
0.10
0.12
0.14
0.16
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 5.0V
VIN = 6.0V to 13.2V
200 mA
100 mA
0 mA
250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com