Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1802 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1802
Description  300 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1802 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1802 Datasheet HTML 11Page - Microchip Technology MCP1802 Datasheet HTML 12Page - Microchip Technology MCP1802 Datasheet HTML 13Page - Microchip Technology MCP1802 Datasheet HTML 14Page - Microchip Technology MCP1802 Datasheet HTML 15Page - Microchip Technology MCP1802 Datasheet HTML 16Page - Microchip Technology MCP1802 Datasheet HTML 17Page - Microchip Technology MCP1802 Datasheet HTML 18Page - Microchip Technology MCP1802 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22053B-page 15
MCP1802
5.0
FUNCTIONAL DESCRIPTION
The MCP1802 CMOS low dropout linear regulator is
intended for applications that need the low current
consumption
while
maintaining
output
voltage
regulation. The operating continuous load range of the
MCP1802 is from 0 mA to 300 mA. The input operating
voltage range is from 2.0V to 10.0V, making it capable
of operating from three or more alkaline cells or single
and multiple Li-Ion cell batteries.
5.1
Input
The input of the MCP1802 is connected to the source
of the P-Channel PMOS pass transistor. As with all
LDO circuits, a relatively low source impedance (10
Ω)
is needed to prevent the input impedance from causing
the LDO to become unstable. The size and type of the
capacitor needed depends heavily on the input source
type (battery, power supply) and the output current
range of the application. For most applications a 0.1 µF
ceramic capacitor will be sufficient to ensure circuit
stability. Larger values can be used to improve circuit
AC performance.
5.2
Output
The maximum rated continuous output current for the
MCP1802 is 300 mA.
A minimum output capacitance of 1.0 µF is required for
small signal stability in applications that have up to
300 mA output current capability. The capacitor type
can be ceramic, tantalum or aluminum electrolytic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com