Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V01 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP6V01
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V01 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP6V01 Datasheet HTML 24Page - Microchip Technology MCP6V01 Datasheet HTML 25Page - Microchip Technology MCP6V01 Datasheet HTML 26Page - Microchip Technology MCP6V01 Datasheet HTML 27Page - Microchip Technology MCP6V01 Datasheet HTML 28Page - Microchip Technology MCP6V01 Datasheet HTML 29Page - Microchip Technology MCP6V01 Datasheet HTML 30Page - Microchip Technology MCP6V01 Datasheet HTML 31Page - Microchip Technology MCP6V01 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MCP6V01/2/3
DS22058C-page 28
© 2008 Microchip Technology Inc.
4.3.9.5
Other PCB Thermal Design Tips
In cases where an individual resistor needs to have its
thermo-junction voltage cancelled, it can be split into
two equal resistors as shown in Figure 4-14. To keep
the thermal gradients near the resistors as small as
possible, the layouts are symmetrical with a ring of
metal around the outside. Make R1A =R1B =R1/2 and
R2A =R2B =2R2.
FIGURE 4-14:
PCB Layout for Individual
Resistors.
Minimize temperature gradients at critical components
(resistors, op amps, heat sources, etc.):
• Minimize exposure to gradients
- Small components
- Tight spacing
- Shield from air currents
• Align with constant temperature (contour) lines
- Place on PCB center line
• Minimize magnitude of gradients
- Select parts with lower power dissipation
- Use same metal junctions on thermo-junc-
tions that need to match
- Use metal junctions with low temperature to
voltage coefficients
- Large distance from heat sources
- Ground plane underneath (large area)
- FR4 gaps (no copper for thermal insulation)
- Series resistors inserted into traces (adds
thermal and electrical resistance)
- Use heat sinks
Make the temperature gradient point in one direction:
• Add guard traces
- Constant temperature curves follow the
traces
- Connect to ground plane
• Shape any FR4 gaps
- Constant temperature curves follow the
edges
4.3.9.6
Crosstalk
DC crosstalk causes offsets that appear as a larger
input offset voltage. Common causes include:
• Common mode noise (remote sensors)
• Ground loops (current return paths)
• Power supply coupling
Interference from the mains (usually 50 Hz or 60 Hz),
and other AC sources, can also affect the DC perfor-
mance. Non-linear distortion can convert these signals
to multiple tones, included a DC shift in voltage. When
the signal is sampled by an ADC, these AC signals can
also be aliased to DC, causing an apparent shift in
offset.
To reduce interference:
- Keep traces and wires as short as possible
- Use shielding (e.g., encapsulant)
- Use ground plane (at least a star ground)
- Place the input signal source near to the DUT
- Use good PCB layout techniques
- Use a separate power supply filter (bypass
capacitors) for these auto-zeroed op amps
4.3.9.7
Miscellaneous Effects
Keep the resistances seen by the input pins as small
and as near to equal as possible to minimize bias cur-
rent related offsets.
Make the (trace) capacitances seen by the input pins
small and equal. This is helpful in minimizing switching
glitch-induced offset voltages.
Bending a coax cable with a radius that is too small
causes a small voltage drop to appear on the center or
(the tribo-electric effect). Make sure the bending radius
is large enough to keep the conductors and insulation
in full contact.
Mechanical stresses can make some capacitor types
(such as ceramic) to output small voltages. Use more
appropriate capacitor types in the signal path and
minimize mechanical stresses and vibration.
Humidity can cause electro-chemical potential voltages
to appear in a circuit. Proper PCB cleaning helps, as
does the use of encapsulants.
Note:
Changing the orientation of the resistors
will usually cause a significant decrease in
the cancellation of the thermal voltages.
R1B
R1A
R2B
R2A
R1B
R1A
R2B
R2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com