Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631HV-E/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1631HV-E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631HV-E/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1631HV-E/ML Datasheet HTML 9Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 10Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 11Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 12Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 13Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 14Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 15Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 16Page - Microchip Technology MCP1631HV-E/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 13
MCP1631/HV/MCP1631V/VHV
Typical Performance Curves (Continued)
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA for typical values = +25°C.
FIGURE 2-25:
Overvoltage Threshold
High (V) vs. Temperature.
FIGURE 2-26:
Overvoltage Threshold
Low (V) vs. Temperature.
FIGURE 2-27:
Overvoltage Threshold
Hysteresis (V) vs. Temperature.
FIGURE 2-28:
Shutdown Input Voltage
Threshold (V) vs. Temperature.
FIGURE 2-29:
LDO Quiescent Current vs.
Input Voltage.
FIGURE 2-30:
LDO Quiescent Current vs.
Junction Temperature.
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
1.182
1.183
1.183
1.184
1.184
1.185
1.185
1.186
1.186
1.187
1.187
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Ambinet Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
1.00
2.00
3.00
4.00
5.00
6.00
6
8
10
12
14
16
18
Input Voltage (V)
VOUT = 5.0V
IOUT = 0 µA
+25°C
+130°C
-45°C
0°C
+90°C
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-45
-20
5
305580
105
130
Junction Temperature (°C)
IOUT = 0mA
VOUT = 5.0V
VIN = 6.0V
VOUT = 1.2V
VIN = 2.7V
VOUT = 2.5V
VIN = 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com