| Electronic Components Datasheet Search |
|
MCP4131-503E/ML Datasheet(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4131-503E/ML Datasheet(HTML) 37 Page - Microchip Technology |
|
37 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 37 MCP413X/415X/423X/425X 5.0 RESISTOR NETWORK The Resistor Network has either 7-bit or 8-bit resolution. Each Resistor Network allows zero scale to full-scale connections. Figure 5-1 shows a block diagram for the resistive network of a device. The Resistor Network is made up of several parts. These include: • Resistor Ladder •Wiper • Shutdown (Terminal Connections) Devices have either one or two resistor networks, These are referred to as Pot 0 and Pot 1. FIGURE 5-1: Resistor Block Diagram. 5.1 Resistor Ladder Module The resistor ladder is a series of equal value resistors (RS) with a connection point (tap) between the two resistors. The total number of resistors in the series (ladder) determines the RAB resistance (see Figure 5-1). The end points of the resistor ladder are connected to analog switches which are connected to the device Terminal A and Terminal B pins. The RAB (and RS) resistance has small variations over voltage and temperature. For an 8-bit device, there are 256 resistors in a string between terminal A and terminal B. The wiper can be set to tap onto any of these 256 resistors thus providing 257 possible settings (including terminal A and terminal B). For a 7-bit device, there are 128 resistors in a string between terminal A and terminal B. The wiper can be set to tap onto any of these 128 resistors thus providing 129 possible settings (including terminal A and terminal B). Equation 5-1 shows the calculation for the step resistance. EQUATION 5-1: RS CALCULATION RS A RS RS RS B 257 256 255 1 0 RW (1) W (01h) Analog Mux RW (1) (00h) RW (1) (FEh) RW (1) (FFh) RW (1) (100h) Note 1: The wiper resistance is dependent on several factors including, wiper code, device VDD, Terminal voltages (on A, B, and W), and temperature. Also for the same conditions, each tap selection resistance has a small variation. This RW variation has greater effects on some specifications (such as INL) for the smaller resistance devices (5.0 kΩ) compared to larger resistance devices (100.0 kΩ). RAB 8-Bit N = 128 127 126 1 0 (01h) (00h) (7Eh) (7Fh) (80h) 7-Bit N = R S R AB 256 () ------------- = R S R AB 128 () -------------- = 8-bit Device 7-bit Device |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |