Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631HVT-500E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1631HVT-500E/ST
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631HVT-500E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1631HVT-500E/ST Datasheet HTML 6Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 7Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 8Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 9Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 10Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 11Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 12Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 13Page - Microchip Technology MCP1631HVT-500E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP1631/HV/MCP1631V/VHV
DS22063B-page 10
© 2008 Microchip Technology Inc.
Typical Performance Curves (Continued)
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA for typical values = +25°C.
FIGURE 2-7:
VEXT P-Channel Driver
RDSON vs. Temperature.
FIGURE 2-8:
VEXT N-Channel Driver
RDSON vs. Temperature.
FIGURE 2-9:
VEXT Rise Time vs.
Temperature.
FIGURE 2-10:
VEXT Fall Time vs.
Temperature.
FIGURE 2-11:
Amplifier A1 Offset Voltage
vs. Temperature.
FIGURE 2-12:
Amplifier A1 Output Voltage
Low vs. Temperature.
4
6
8
10
12
14
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
6.2
6.6
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
CL = 100 pF
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
CL = 100 pF
-0.80
-0.75
-0.70
-0.65
-0.60
-0.55
-0.50
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0
5
10
15
20
25
30
35
40
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com