Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631VHVT-E/ML Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1631VHVT-E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631VHVT-E/ML Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1631VHVT-E/ML Datasheet HTML 11Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 12Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 13Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 14Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 15Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 16Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 17Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 18Page - Microchip Technology MCP1631VHVT-E/ML Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 15
MCP1631/HV/MCP1631V/VHV
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Power Ground (PGND)
Connect power ground return pin to power ground
plane, high peak current flows through the PGND during
the turn on and turn off the external MOSFET devices.
3.2
Shutdown Input (SHDN)
Shutdown input logic low disables device and lowers IQ
to minimum value, amplifier A3 (VS) remains functional
for battery voltage sense applications.
3.3
Oscillator Input (OSCIN)
External Oscillator Input, used to set power train
switching frequency and maximum duty cycle, VEXT
enabled while low and disabled while high.
3.4
Oscillator Disable (OSCDIS)
Oscillator disable input, used to asycnronously
terminate the VEXT duty cycle. Commonly used to
modulate current for LED driver applications.For
minimum shutdown IQ, connect OSCDIS to SHDN.
3.5
Overvoltage Input (OVIN)
Overvoltage Comparator input, connect to voltage
divider, internal comparator terminates VEXT output in
50 ns to limit output voltage to predetermined value.
3.6
External Reference Voltage Input
(VREF)
External Voltage Reference input, connect fixed or
variable external reference to VREF, with A1 configured
as an error amplifier, the power supply output variable
(voltage or current) will follow this input.
MCP1631/MCP1631V
MCP1631HV/
MCP1631VHV
Sym
Description
TSSOP/SSOP
4x4
QFN
TSSOP/SSOP
1151
PGND
Power ground return
2162
SHDN
Shutdown input
3173
OSCIN
External oscillator input
4184
OSCDIS Oscillator disable input
5195
OVIN
Overvoltage comparator input
6206
VREF
External voltage reference input
717
AGND
Quiet or analog ground
8,9,10
2,4,12
8,9
NC
No connection
——
10
VIN
High voltage input
11
3
—
AVDD_IN Analog bias voltage input
——
11
AVDD_OUT Regulated VDD output
12512
VSIN
Voltage sense amplifier (A3) input
13613
ISIN
Current sense input
14714
VSOUT
Voltage sense amplifier output
15815
ISOUT
Current sense amplifier output
16
9
16
COMP
Error amplifier (A1) output
17
10
17
FB
Error amplifier inverting input (A1)
18
11
18
CS/VRAMP CS - current sense input; VRAMP voltage ramp input
19
13
19
PVDD
Power VDD input
20
14
20
VEXT
External driver output
—
21
—
EP
Exposed Thermal Pad (EP); must be connected to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com