Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631VHVT-500E/SS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1631VHVT-500E/SS
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631VHVT-500E/SS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1631VHVT-500E/SS Datasheet HTML 7Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 8Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 9Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 10Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 11Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 12Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 13Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 14Page - Microchip Technology MCP1631VHVT-500E/SS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 11
MCP1631/HV/MCP1631V/VHV
Typical Performance Curves (Continued)
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF,
VIN for typical values = 5.0V, TA for typical values = +25°C.
FIGURE 2-13:
Amplifier A1 Sink Current
vs. Temperature.
FIGURE 2-14:
Amplifier A1 Source Current
vs. Temperature.
FIGURE 2-15:
Amplifier A2 Offset Voltage
vs. Temperature.
FIGURE 2-16:
Amplifier A2 Output Voltage
Low vs. Temperature.
FIGURE 2-17:
Amplifier A2 Sink Current
vs. Temperature.
FIGURE 2-18:
Amplifier A2 Source Current
vs. Temperature.
8.0
9.2
10.4
11.6
12.8
14.0
15.2
16.4
17.6
18.8
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
5.0
6.5
8.0
9.5
11.0
12.5
14.0
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
4
6
8
10
12
14
16
18
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
10
15
20
25
30
35
40
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
10
12
14
16
18
20
22
24
26
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +5.0V
VDD = +5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com